Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 108Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 109Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 110Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 111Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 112Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 113Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 114Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 115Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 76 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
6.6
Voltage Monitor 2 Interrupt
Table 6.5 lists the Procedure for Setting Bits Associated with Voltage Monitor 2 Interrupt. Figure 6.7 shows an
Operating Example of Voltage Monitor 2 Interrupt.
To use the voltage monitor 2 interrupt to exit stop mode, set the VW2C1 bit in the VW2C register to 1 (digital filter
disabled).
Notes:
1. When the VW2C0 bit is set to 0, steps 1, 2, and 3 can be executed simultaneously (with one
instruction).
2. When the VW2C0 bit is set to 0, steps 5 and 6 can be executed simultaneously (with one instruction).
3. When the VW2C0 bit is set to 0, steps 7 and 8 can be executed simultaneously (with one instruction).
Table 6.5
Procedure for Setting Bits Associated with Voltage Monitor 2 Interrupt
Step
When Using Digital Filter
When Using No Digital Filter
1
Set the VCA23 bit in the VCA2 register to 0 (internal reference voltage).
2 (1)
Set the VCA24 bit in the VCA2 register to 0 (VCC voltage) or 1 (LCVCMP2 pin input voltage).
3 (1)
Set the VCA27 bit in the VCA2 register to 1 (voltage detection 2 circuit enabled).
4
Wait for td(E-A).
5
Set the COMPSEL bit in the CMPA register to 1.
6 (2)
Select the interrupt type by the IRQ2SEL in the CMPA register.
7
Select the sampling clock of the digital filter by
bits VW2F1 to VW2F0 in the VW2C register.
Set the VW2C1 bit in the VW2C register to 1
(digital filter disabled).
8 (3)
Set the VW2C1 bit in the VW2C register to 0
(digital filter enabled).
−
9
Select the interrupt request timing by the VCAC2 bit in the VCAC register and
the VW2C7 bit in the VW2C register.
10
Set the VW2C2 bit in the VW2C register to 0.
11
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on).
−
12
Wait for 2 cycles of the sampling clock of
the digital filter.
− (No wait time required)
13
Set the VW2C0 bit in the VW2C register to 1 (voltage monitor 2 interrupt enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com