Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 110Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 111Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 112Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 113Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 114Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 115Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 116Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 117Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 78 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.
I/O Ports
I/O ports are shared with the LCD ports for the LCD dive control waveform output and the I/O functions for the
oscillation circuits, timers, and A/D converter. When these functions are not used, pins can be used as I/O ports.
Table 7.1 lists the Overview of I/O Ports.
The following explanation applies to the R8C/L33A Group and R8C/L3AB Group, which have the maximum number
of I/O ports. For other groups, note that only the pins listed in Table 7.2 are provided.
Notes:
1. In input mode, whether an internal pull-up resistor is connected or not can be selected by registers P0PUR to
and P13PUR.
2. Whether the drive capacity of the output transistor is set to low or high can be selected by registers P10DRR
and P11DRR.
3. The input threshold value can be selected among three voltage levels (0.35 VCC, 0.50 VCC, and 0.70 VCC)
using registers VLT0 and VLT1.
Note:
1.
The symbol “
√” indicates a programmable I/O port.
Table 7.1
Overview of I/O Ports
Port
I/O Format
I/O Setting
Internal Pull-Up
Resister (1)
Drive Capacity
Switch (2)
Input Level
Switch (3)
P0 to P4
I/O CMOS3 state
Set in 1-bit units.
Set in 1-bit units.
None
Set in 8-bit units.
P5_0 to P5_3
I/O CMOS3 state
Set in 1-bit units.
Set in 1-bit units.
None
Set in 4-bit units.
P6, P7
I/O CMOS3 state
Set in 1-bit units.
Set in 1-bit units.
None
Set in 8-bit units.
P10, P11
I/O CMOS3 state
Set in 1-bit units.
Set in 1-bit units.
Set in 1-bit units.
Set in 8-bit units.
P12_0 to P12_3 I/O CMOS3 state
Set in 1-bit units.
Set in 1-bit units.
None
Set in 4-bit units.
P13
I/O CMOS3 state
Set in 1-bit units.
Set in 1-bit units.
None
Set in 8-bit units.
Table 7.2
Programmable I/O Ports Provided for Each Group
Programmable
I/O Port
R8C/L35A Group
R8C/L35B Group
Total: 41 I/O pins
R8C/L36A Group
R8C/L36B Group
Total: 52 I/O pins
R8C/L38A Group
R8C/L38B Group
Total: 68 I/O pins
R8C/L3AA Group
R8C/L3AB Group
Total: 88 I/O pins
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
P0
√
√
√
√√√
√√
√√√
√√
√√√
√√√
√√
√√√
√√
√√√
√√
√
P1
−
−
−
−−−
−−
−−−
−−
−−−
−−−
−√
√√√
√√
√√√
√√
√
P2
√
√
√
√−−
−−
√√√
√−
−−−
√√√
√√
√√√
√√
√√√
√√
√
P3
−
−
−
−√√
√√
√√√
√√
√√√
√√√
√√
√√√
√√
√√√
√√
√
P4
√
√
√
√√√
√√
√√√
√√
√√√
√√√
√√
√√√
√√
√√√
√√
√
P5
−
−
−
−−−
−−
−−−
−−
−−−
−−−
−−
−−−
−−
−−√
√√
√
P6
−
−
−
−−−
−−
−−−
−−
−−−
√√√
√√
√√√
√√
√√√
√√
√
P7
√
√
√
√−−
−−
√√√
√√
√√√
√√√
√√
√√√
√√
√√√
√√
√
P10
−
−
−
−−−
−−
−−−
−−
−−−
−−−
−−
−−−
√√
√√√
√√
√
P11
−
−
−
√√√
√√
√√√
√√
√√√
√√√
√√
√√√
√√
√√√
√√
√
P12
−
−
−
−√√
√√
−−−
−√
√√√
−−−
−√
√√√
−−
−−√
√√
√
P13
−
−
−
−√√
√√
−−−
−√
√√√
−−−
−√
√√√
√√
√√√
√√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com