Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 106Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 107Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 108Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 109Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 110Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 111Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 112Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 113Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 848 page
background image
6. Voltage Detection Circuit
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 74 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
6.5
Voltage Monitor 1 Interrupt
Table 6.4 lists the Procedure for Setting Bits Associated with Voltage Monitor 1 Interrupt. Figure 6.6 shows an
Operating Example of Voltage Monitor 1 Interrupt.
To use the voltage monitor 1 interrupt to exit stop mode, set the VW1C1 bit in the VW1C register to 1 (digital filter
disabled).
Notes:
1. When the VW1C0 bit is set to 0, steps 2, 3, and 4 can be executed simultaneously (with one
instruction).
2. When the VW1C0 bit is set to 0, steps 6 and 7 can be executed simultaneously (with one instruction).
3. When the VW1C0 bit is set to 0, steps 8 and 9 can be executed simultaneously (with one instruction).
Table 6.4
Procedure for Setting Bits Associated with Voltage Monitor 1 Interrupt
Step
When Using Digital Filter
When Using No Digital Filter
1
Select the voltage detection 1 detection voltage by bits VD1S3 to VD1S0 in the VD1LS register.
2
Set the VCA21 bit in the VCA2 register to 0 (internal reference voltage).
3 (1)
Set the VCA22 bit in the VCA2 register to 0 (VCC voltage).
4 (1)
Set the VCA26 bit in the VCA2 register to 1 (voltage detection 1 circuit enabled).
5
Wait for td(E-A).
6
Set the COMPSEL bit in the CMPA register to 1.
7 (2)
Select the interrupt type by the IRQ1SEL in the CMPA register.
8
Select the sampling clock of the digital filter by
bits VW1F1 to VW1F0 in the VW1C register.
Set the VW1C1 bit in the VW1C register to 1
(digital filter disabled).
9 (3)
Set the VW1C1 bit in the VW1C register to 0
(digital filter enabled).
−
10
Select the interrupt request timing by the VCAC1 bit in the VCAC register and
the VW1C7 bit in the VW1C register.
11
Set the VW1C2 bit in the VW1C register to 0.
12
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on)
−
13
Wait for 2 cycles of the sampling clock of
the digital filter
− (No wait time required)
14
Set the VW1C0 bit in the VW1C register to 1 (voltage monitor 1 interrupt enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com