Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 117Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 118Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 119Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 120Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 121Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 122Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 123Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 124Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 85 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4
Registers
7.4.1
Port Pi Direction Register (PDi) (i = 0 to 7, 10 to 13)
Notes:
1. Bits PD5_4 to PD5_7 in the PD5 register are unavailable on this MCU.
If it is necessary to set bits PD5_4 to PD5_7, set to 0. When read, the content is 0.
2. Bits PD12_4 to PD12_7 in the PD12 register are unavailable on this MCU.
If it is necessary to set bits PD12_4 to PD12_7, set to 0. When read, the content is 0.
The PDi register selects whether I/O ports are used for input or output. Each bit in the PDi register corresponds
to one port.
Address 00E2h (PD0), 00E3h (PD1), 00E6h (PD2), 00E7h (PD3),
00EAh (PD4 (1)), 00EBh (PD5 (2)), 00EEh (PD6), 00EFh (PD7),
00F6h (PD10), 00F7h (PD11), 00FAh (PD12), 00FBh (PD13),
Bit
b7b6
b5b4b3b2
b1
b0
Symbol
PDi_7
PDi_6
PDi_5
PDi_4
PDi_3
PDi_2
PDi_1
PDi_0
After Reset
0
000
0000
Bit
Symbol
Bit Name
Function
R/W
b0
PDi_0
Port Pi_0 direction bit
0: Input mode (function as an input port)
1: Output mode (function as an output port)
R/W
b1
PDi_1
Port Pi_1 direction bit
R/W
b2
PDi_2
Port Pi_2 direction bit
R/W
b3
PDi_3
Port Pi_3 direction bit
R/W
b4
PDi_4
Port Pi_4 direction bit
R/W
b5
PDi_5
Port Pi_5 direction bit
R/W
b6
PDi_6
Port Pi_6 direction bit
R/W
b7
PDi_7
Port Pi_7 direction bit
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com