Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 118Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 119Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 120Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 121Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 122Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 123Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 124Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 125Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 86 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.2
Port Pi Register (Pi) (i = 0 to 7, 10 to 13)
Notes:
1. Bits PD5_4 to PD5_7 in the PD5 register are unavailable on this MCU.
If it is necessary to set bits PD5_4 to PD5_7, set to 0. When read, the content is 0.
2. Bits PD12_4 to PD12_7 in the PD12 register are unavailable on this MCU.
If it is necessary to set bits PD12_4 to PD12_7, set to 0. When read, the content is 0.
Data input and output to and from external devices are accomplished by reading and writing to the Pi register.
The Pi register consists of a port latch to retain output data and a circuit to read the pin status. The value written
in the port latch is output from the pin. Each bit in the Pi register corresponds to one port.
Pi_j Bit (i = 0 to 7, 10 to 13, j = 0 to 7) (Port Pi_0 Bit)
The pin level of any I/O port which is set to input mode can be read by reading the corresponding bit in this
register. The pin level of any I/O port which is set to output mode can be controlled by writing to the
corresponding bit in this register.
Address 00E0h (P0), 00E1h (P1), 00E4h (P2), 00E5h (P3),
00E8h (P4 (1)), 00E9h (P5 (2)), 00ECh(P6), 00EDh (P7),
00F4h (P10), 00F5h (P11), 00F8h (P12), 00F9h (P13),
Bit
b7b6
b5b4b3b2
b1
b0
Symbol
Pi_7
Pi_6
Pi_5
Pi_4
Pi_3
Pi_2
Pi_1
Pi_0
After Reset
XXX
XXXX
X
Bit
Symbol
Bit Name
Function
R/W
b0
Pi_0
Port Pi_0 bit
0: Low level
1: High level
R/W
b1
Pi_1
Port Pi_1 bit
R/W
b2
Pi_2
Port Pi_2 bit
R/W
b3
Pi_3
Port Pi_3 bit
R/W
b4
Pi_4
Port Pi_4 bit
R/W
b5
Pi_5
Port Pi_5 bit
R/W
b6
Pi_6
Port Pi_6 bit
R/W
b7
Pi_7
Port Pi_7 bit
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com