Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 120Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 121Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 122Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 123Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 124Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 125Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 126Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 127Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 88 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.4
Timer RB/RC Pin Select Register (TRBRCSR)
The register function for timer RB is not implemented.
To use the I/O pins for timer RC, set the TRBRCSR register.
Set this register before setting the timer RC associated registers. Also, do not change the setting value of the
TRCCLKSEL0 bit during timer RC operation.
Address 0181h
Bit
b7
b6
b5b4b3
b2
b1
b0
Symbol TRCTRGSEL1 TRCTRGSEL0
—
TRCCLKSEL0
—
—
—
—
After Reset
0
0
0
0
0
000
Bit
Symbol
Bit Name
Function
R/W
b0
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b1
—
b2
—
b3
—
b4
TRCCLKSEL0 TRCCLK pin select bit
0: TRCCLK pin not used
1: TRCCLK pin used
R/W
b5
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b6
TRCTRGSEL0 TRCTRG pin select bit
b7 b6
0 0: TRCTRG pin not used
0 1: P3_7 assigned
1 0: P4_3 assigned
1 1: P4_4 assigned
R/W
b7
TRCTRGSEL1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com