Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 122Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 123Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 124Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 125Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 126Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 127Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 128Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 129Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 90 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.6
Timer RC Pin Select Register 1 (TRCPSR1)
Notes:
1. When bits TRCIOBSEL1 to TRCIOBSEL0 in the TRCPSR0 register are set to 10b (P4_6 assigned as TRCIOB
pin), P4_6 functions as the TRCIOB pin regardless of the content of the TRCIOCSEL0 bit.
2. When bits TRCIOBSEL1 to TRCIOBSEL0 in the TRCPSR0 register are set to 11b (P4_7 assigned as TRCIOB
pin), P4_7 functions as the TRCIOB pin regardless of the content of the TRCIODSEL0 bit.
The TRCPSR1 register selects whether to use the timer RC input. To use the I/O pins for timer RC, set this
register.
Set the TRCPSR1 register before setting the timer RC associated registers. Also, do not change the setting value
of this register during timer RC operation.
Address 0183h
Bit
b7b6
b5
b4b3
b2
b1
b0
Symbol
—
—
—
TRCIODSEL0
—
——
TRCIOCSEL0
After Reset
0
000
0
0
0
0
Bit
Symbol
Bit Name
Function
R/W
b0
TRCIOCSEL0 TRCIOC pin select bit (1)
0: TRCIOC pin not used
1: P4_6 assigned
R/W
b1
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b2
—
b3
—
b4
TRCIODSEL0 TRCIOD pin select bit (2)
0: TRCIOD pin not used
1: P4_7 assigned
R/W
b5
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b6
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com