Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 126Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 127Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 128Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 129Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 130Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 131Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 132Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 133Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 94 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.11
UART1 Pin Select Register (U1SR)
The U1SR register selects which pin is assigned as the UART1 input/output. To use the I/O pins for UART1,
set this register.
Set the U1SR register before setting the UART1 associated registers. Also, do not change the setting value of
this register during UART1 operation.
Address 0189h
Bit
b7
b6
b5
b4b3b2b1b0
Symbol
—
—
—
CLK1SEL0
—
RXD1SEL0
—
TXD1SEL0
After Reset
0
0
0000
00
Bit
Symbol
Bit Name
Function
R/W
b0
TXD1SEL0 TXD1 pin select bit
0: TXD1 pin not used
1: TXD1 pin used
R/W
b1
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b2
RXD1SEL0 RXD1 pin select bit
0: RXD1 pin not used
1: RXD1 pin used
R/W
b3
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b4
CLK1SEL0 CLK1 pin select bit
0: CLK1 pin not used
1: CLK1 pin used
R/W
b5
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b6
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com