Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 127Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 128Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 129Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 130Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 131Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 132Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 133Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 134Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 95 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.12
UART2 Pin Select Register 0 (U2SR0)
The U2SR0 register selects which pin is assigned as the UART2 input/output. To use the I/O pins for UART2,
set this register.
Set the U2SR0 register before setting the UART2 associated registers. Also, do not change the setting value of
this register during UART2 operation.
Address 018Ah
Bit
b7
b6b5
b4b3b2
b1
b0
Symbol
—
—
RXD2SEL1 RXD2SEL0
—
—
TXD2SEL1 TXD2SEL0
After Reset
0
00
000
0
0
Bit
Symbol
Bit Name
Function
R/W
b0
TXD2SEL0 TXD2/SDA2 pin select bit
b1 b0
0 0: TXD2/SDA2 pin not used
0 1: P11_2 assigned
1 0: P11_1 assigned
1 1: Do not set.
R/W
b1
TXD2SEL1
R/W
b2
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b3
—
b4
RXD2SEL0 RXD2/SCL2 pin select bit
b5 b4
0 0: RXD2/SCL2 pin not used
0 1: P11_1 assigned
1 0: P11_2 assigned
1 1: Do not set.
R/W
b5
RXD2SEL1
R/W
b6
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com