Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 125Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 126Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 127Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 128Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 129Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 130Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 131Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 132Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 93 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
7.4.9
Timer RG Pin Select Register (TRGPSR)
The TRGPSR register selects which pin is assigned as the timer RG input/output. To use the I/O pins for timer
RG, set this register.
Set the TRGPSR register before setting the timer RG associated registers. Also, do not change the setting value
of this register during timer RG operation.
7.4.10
UART0 Pin Select Register (U0SR)
The U0SR register selects which pin is assigned as the UART0 input/output. To use the I/O pins for UART0,
set this register.
Set the U0SR register before setting the UART0 associated registers. Also, do not change the setting value of
this register during UART0 operation.
Address 0187h
Bit
b7b6b5
b4
b3
b2
b1
b0
Symbol TRGCLKBSEL0 TRGCLKASEL0 TRGIOBSEL0
TRGIOASEL0
—
—
—
—
After Reset
0
0
0
0
0
0
0
0
Bit
Symbol
Bit Name
Function
R/W
b0
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b1
—
b2
—
b3
—
b4
TRGIOASEL0
TRGIOA pin select bit
0: TRGIOA pin not used
1: TRGIOA pin used
R/W
b5
TRGIOBSEL0
TRGIOB pin select bit
0: TRGIOB pin not used
1: TRGIOB pin used
R/W
b6
TRGCLKASEL0 TRGCLKA pin select bit
0: TRGCLKA pin not used
1: TRGCLKA pin used
R/W
b7
TRGCLKBSEL0 TRGCLKB pin select bit
0: TRGCLKB pin not used
1: TRGCLKB pin used
R/W
Address 0188h
Bit
b7
b6
b5b4b3b2
b1
b0
Symbol
—
—
—
CLK0SEL0
—
RXD0SEL0 RXD0SEL1 TXD0SEL0
After Reset
000
0
0
0
0
0
Bit
Symbol
Bit Name
Function
R/W
b0
TXD0SEL0 TXD0 pin select bit
0: TXD0 pin not used
1: TXD0 pin used
R/W
b1
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b2
RXD0SEL0 RXD0 pin select bit
b3 b2
0 0: RXD0 pin not used
0 1: P13_2 assigned
1 0: P11_4 assigned
1 1: Do not set.
R/W
b3
RXD0SEL1
R/W
b4
CLK0SEL0 CLK0 pin select bit
0: CLK0 pin not used
1: CLK0 pin used
R/W
b5
—
Nothing is assigned. If necessary, set to 0. When read, the content is 0.
—
b6
—
b7
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com