| Electronic Components Datasheet Search |
|
R5F2L3ACBNFP Datasheet(PDF) 150 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L3ACBNFP Datasheet(HTML) 150 Page - Renesas Technology Corp |
|
150 / 848 page ![]() 7. I/O Ports REJ09B0441-0010 Rev.0.10 Jul 30, 2008 Page 114 of 809 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group, R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group X: 0 or 1; —: No change in outcome Note: 1. Pulled up by setting the corresponding bit in the P6PUR or P7PUR register to 1. Table 7.15 Port P7 Pin Register PD7 LSE6/ LSE7 LCR0 — Function Bit PD7_i LSEi+52 LDTY 21 0 Port P7_0 SEG52 COM7 i = 0 0 0 XXX Input port (1) 1 0 X X X Output port X 1 0 X X LCD drive control output (SEG52) 1 0 0 LCD drive control output (COM7) Port P7_1 SEG53 COM6 i = 1 0 0 XXX Input port (1) 1 0 X X X Output port X 1 0 X X LCD drive control output (SEG53) 1 0 0 LCD drive control output (COM6) Port P7_2 SEG54 COM5 i = 2 0 0 XXX Input port (1) 1 0 X X X Output port X 1 0 X X LCD drive control output (SEG54) 1 0 0 LCD drive control output (COM5) Port P7_3 SEG55 COM4 i = 3 0 0 XXX Input port (1) 1 0 X X X Output port X 1 0 X X LCD drive control output (SEG55) 1 0 0 LCD drive control output (COM4) Port P7_4 COM3 i = 4 00 Input port (1) 1 0 Output port X 1 LCD drive control output (COM3) Port P7_5 COM2 i = 5 00 Input port (1) 1 0 Output port X 1 LCD drive control output (COM2) Port P7_6 COM1 i = 6 00 Input port (1) 1 0 Output port X 1 LCD drive control output (COM1) Port P7_7 COM0 i = 7 00 Input port (1) 1 0 Output port X 1 LCD drive control output (COM0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |