Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 149Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 150Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 151Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 152Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 153Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 154Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 155Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 156Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 848 page
background image
7. I/O Ports
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 117 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
X: 0 or 1; —: No change in outcome
Notes:
1.
Pulled up by setting the corresponding bit in the P11PUR register to 1.
2.
Output drive capacity high by setting the corresponding bit in the P10DRR register to 1.
3.
N-channel open-drain output by setting the SCKOS bit in the SSMR2 register to 1.
4.
N-channel open-drain output by setting the NODC bit in the U2SMR3 register to 1.
5.
N-channel open-drain output by setting the SOOS bit in the SSMR2 register to 1 (N-channel open-drain output) and setting the BIDE bit to 0
(standard mode).
6.
N-channel open-drain output by setting the NCH bit in the U2C0 register to 1.
7.
Synchronous serial communication unit (refer to Table 27.4 Association between Communication Modes and I/O Pins).
Table 7.18
Ports P11_0 and P11_1
Pin
Register
PD11
INTSR
INTEN
INTCMP
ACMR
SSUIICSR ICCR1
SSU Associated
Register (7)
U2SR1
U2MR
Function
Bit
PD11_i
INTi
SEL0
INTiEN
INT1
CP0
CM10E
IICSEL
ICE
SSCK
output
control
SSCK
input
control
CLK2SEL0
SMD
CKDIR
21
0
Port
P11_0
SCL
SSCK
(CLK2
INT0)
IVREF1
LVCOUT1
i = 0
0X
X
X
0
0X
0
0
0X
X
X
X
Input port (1)
10
X
X
1X
X
X
0
0X
0
0
0X
X
X
X
Output port (2)
10
X
X
0X
X
X
0
1
1
X
X
0
X
X
X
X
SCL
input/output (2)
0X
X
X
0
0
X
0
1
0
X
X
X
X
SSCK input (1)
0X
X
X
0
0
X
1
0
0
X
X
X
X
SSCK output (2, 5)
0X
X
X
0
0X
0
0
1X
X
X
1
CLK2 input (1)
10
X
X
0X
X
X
0
0X
0
0
1
001
0
CLK2 output (2, 6)
10
X
X
01
1
X
0
0X
0
0
0X
X
X
X
INT0 input (1)
10
X
X
0X
X
1
0
0X
0
0
0X
X
X
X
Comparator B1
reference voltage
input (IVREF1)
10
X
X
XX
X
X
1
0X
0
0
0X
X
X
X
Comparator A1
output
(LVCOUT1) (2)
10
X
X
Pin
Register
PD11
INTSR
INTEN
INTCMP
ACMR
SSUIICSR
SSU Associated
Register (7)
U2SR0
U2MR
U2SMR
Function
Bit
PD11_i
INTi
SEL0
INTiEN
INT1
CP0
CM20E
IICSEL
SSI
output
control
SSI
input
control
RXD2
SEL
TXD2
SEL
SMD
IICM
10 10
2
1
0
Port
P11_1
SSI
(RXD2
SCL2
TXD2
SDA2
INT1)
IVCMP1
LVCOUT2
i = 1
0X
X
X
0
X
0
0
X X
Other
than
10b
XX
X
X
Input port (1)
1X
X
X
0
X
0
0
X X
X
X
X
X
Output port (2)
0X
X
X
0
0
0
1
X X
X
X
X
X
SSI input (1)
XX
X
X
0
0
1
0
X X
X
X
X
X
SSI output (2, 5)
0X
X
X
0
X
0
0
0 1
X
X
X
0
RXD2 input (1)
0
X
X
X
0
X
0
0
0 1
010
1
SCL2
input/output (2, 6)
XX
X
X
0
X
0
0
X X 1 0
001
0
TXD2 output (2, 6)
10
X
0
110
0
0
X
X
X
0
X
0
0
X X 1 0
010
1
SDA2
input/output (2, 6)
0
1
100
X
0
0
X X
Other
than
10b
XX
X
X
INT1 input (1)
0
0
110
X
0
0
X X
X
X
X
X
Comparator B1
input (IVCMP1)
0X
X
X
1
X
0
0
X X
X
X
X
X
Comparator A2
output
(LVCOUT2) (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com