Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 179Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 180Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 181Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 182Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 183Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 184Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 185Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 186Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 147 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10.2.2
System Clock Control Register 1 (CM1)
Notes:
1. When the CM06 bit is set to 0, bits CM16 and CM17 are enabled.
2. When the CM10 bit is set to 1 (stop mode), the on-chip feedback resistor is disabled.
3. When the OCD2 bit is set to 0 (XIN clock selected), the CM14 bit can be set to 1 (low-speed on-chip oscillator
off). When the OCD2 bit is set to 1 (on-chip oscillator clock selected), the CM14 bit is set to 0 (low-speed on-chip
oscillator on). It remains unchanged even if 1 is written to it.
4. To use the voltage monitor 1 interrupt or voltage monitor 2 interrupt (when the digital filter is used), set the CM14
bit to 0 (low-speed on-chip oscillator on).
5. To use P12_0 and P12_1 as input ports, set the CM13 bit to 0 (I/O ports), the CM05 bit in the CM0 register to 1
(XIN clock stops), and the CM07 bit to 1 (XCIN clock).
To use as external clock input, set the CM13 bit to 0 (I/O ports), the CM05 bit to 1 (XIN clock oscillates), the
CM07 bit to 0 (XIN clock). When the PD12_0 bit in the PD12 register is further set to 0 (input mode), an external
clock can be input. XOUT can be used as the input port P12_1 at this time.
6. When the CM10 bit is set to 1 (stop mode), the XOUT pin is held high while the CM13 bit is set to 1 (XIN-XOUT
pin).
7. Once the CM13 bit is set to 1 by a program, it cannot be set to 0.
Set the PRC0 bit in the PRCR register to 1 (write enabled) before rewriting the CM1 register.
Address 0007h
Bit
b7b6b5
b4b3b2
b1b0
Symbol
CM17
CM16
—
CM14
CM13
CM12
CM11
CM10
After Reset
001
000
00
Bit
Symbol
Bit Name
Function
R/W
b0
CM10
All clock stop control bit (2, 5)
0: Clock oscillates
1: All clocks stop (stop mode)
R/W
b1
CM11
XIN-XOUT on-chip feedback resistor
select bit
0: On-chip feedback resistor enabled
1: On-chip feedback resistor disabled
R/W
b2
CM12
XCIN-XCOUT on-chip feedback
resistor select bit
0: On-chip feedback resistor enabled
1: On-chip feedback resistor disabled
R/W
b3
CM13
Port/XIN-XOUT switch bit (5, 6, 7)
0: I/O ports P12_0 and P12_1
1: XIN-XOUT pin
R/W
b4
CM14
Low-speed on-chip oscillator
oscillation stop bit (3, 4)
0: Low-speed on-chip oscillator on
1: Low-speed on-chip oscillator off
R/W
b5
—
Reserved bit
Set to 1.
R/W
b6
CM16
System clock division select bit 1 (1)
b7 b6
0 0: No division mode
0 1: Divide-by-2 mode
1 0: Divide-by-4 mode
1 1: Divide-by-16 mode
R/W
b7
CM17
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com