Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 176Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 177Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 178Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 179Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 180Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 181Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 182Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 183Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 144 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
10. Power Control
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
10. Power Control
There are four power control modes. All modes other than wait mode, stop mode, and power-off mode are referred to
as standard operating mode.
10.1
Introduction
Table 10.1 lists each mode. Figure 10.1 shows the State Transitions in Power Control Mode.
Table 10.1
Power Control
Mode
Operation
Standard operating
mode
High-speed clock
The CPU and peripheral functions operate.
High-speed on-chip oscillator
Low-speed clock
The CPU and peripheral functions operate.
Low-speed on-chip oscillator
Wait mode
The CPU stops and peripheral functions operate.
Stop mode
The CPU and peripheral functions stop (oscillation stops).
Power-off mode
Functions other than the low-speed clock and timer RE stop
or all functions stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com