Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 172Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 173Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 174Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 175Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 176Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 177Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 178Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 179Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 140 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
9.6.7
fOCO-S
fOCO-S is an operating clock for the voltage detection circuit.
This clock is generated by the low-speed on-chip oscillator and supplied by setting the CM14 bit to 0 (low-
speed on-chip oscillator on).
In wait mode, the fOCO-S clock does not stop.
9.6.8
fOCO128
fOCO128 clock is generated by fOCO-S or fOCO-E divided by 128. fOCO-S divided by 128 is selected by
setting the FRA03 bit to 0 and fOCO-F divided by 128 is selected by setting the FRA03 bit to 1.
fOCO128 is configured as the capture signal used in the TRCGRA register for timer RC and timer RD0 for
timer RD.
9.6.9
fC-LCD
fC-LCD is used in the LCD waveform control circuit.
Use this clock only while the XCIN clock oscillation stabilizes.
9.6.10
fC, fC2, fC4, and fC32
fC, fC2, fC4, and fC32 are used for timers RA, RD, RE and the serial interface.
Use theses clocks while the XCIN clock oscillation stabilizes.
9.6.11
fOCO-WDT
fOCO-WDT is an operating clock for the watchdog timer.
This clock is generated by the low-speed on-chip oscillator for the watchdog timer and supplied by setting the
CSPRO bit in the CSPR register to 1 (count source protection mode enabled).
In count source protection mode for the watchdog timer, the fOCO-WDT clock does not stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com