Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 173Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 174Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 175Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 176Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 177Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 178Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 179Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 180Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 141 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
9.7
Oscillation Stop Detection Function
The oscillation stop detection function detects the stop of the XIN clock oscillating circuit.
The oscillation stop detection function can be enabled and disabled by the OCD0 bit in the OCD register.
Table 9.2 lists the Specifications of Oscillation Stop Detection Function.
When the XIN clock is the CPU clock source and bits OCD1 to OCD0 are set to 11b, the MCU is placed in the
following states if the XIN clock stops.
• OCD2 bit in OCD register = 1 (on-chip oscillator clock selected)
• OCD3 bit in OCD register = 1 (XIN clock stops)
• CM14 bit in CM1 register = 0 (low-speed on-chip oscillator on)
• Oscillation stop detection interrupt request is generated
9.7.1
How to Use Oscillation Stop Detection Function
• The oscillation stop detection interrupt shares a vector with the voltage monitor 1 interrupt, the voltage
monitor 2 interrupt, and the watchdog timer interrupt. To use the oscillation stop detection interrupt and
watchdog timer interrupt, the interrupt source needs to be determined.
Table 9.3 lists the Determination of Interrupt Sources for Oscillation Stop Detection, Watchdog Timer,
Voltage Monitor 1, or Voltage Monitor 2 Interrupt. Figure 9.6 shows an Example of Determining Interrupt
Sources for Oscillation Stop Detection, Watchdog Timer, Voltage Monitor 1, or Voltage Monitor 2 Interrupt.
• When the XIN clock restarts after oscillation stop, switch the XIN clock to the clock source for the CPU clock
and the peripheral functions by a program.
Figure 9.5 shows the Procedure for Switching Low-Speed On-Chip Oscillator to XIN Clock.
• To enter wait mode while the oscillation stop detection function is used, set bits CM02 to CM1 to 00
(peripheral function clock does not stop in wait mode).
• Since the oscillation stop detection function is a function for cases where the XIN clock is stopped by an
external cause, set bits OCD1 to OCD0 to 00b to stop or start the XIN clock by a program (select stop mode or
change the CM05 bit).
• This function cannot be used when the XIN clock frequency is below 2 MHz. In this case, set bits OCD1 to
OCD0 to 00b.
• To use the low-speed on-chip oscillator clock as the clock source for the CPU clock and the peripheral
functions after detecting the oscillation stop, set the FRA01 bit in the FRA0 register to 0 (low-speed on-chip
oscillator selected) and then bits OCD1 to OCD0 to 11b.
To use the high-speed on-chip oscillator clock as the clock source for the CPU clock and the peripheral
functions after detecting the oscillation stop, first set the FRA00 bit to 1 (high-speed on-chip oscillator on)
and the FRA01 bit to 1 (high-speed on-chip oscillator selected). Then set bits OCD1 to OCD0 to 11b.
Table 9.2
Specifications of Oscillation Stop Detection Function
Item
Specification
Oscillation stop detection clock and frequency bandwidth f(XIN)
≥ 2 MHz
Condition for enabling the oscillation stop detection
function
Bits OCD1 to OCD0 are set to 11b.
Operation at oscillation stop detection
Oscillation stop detection interrupt generation
Table 9.3
Determination of Interrupt Sources for Oscillation Stop Detection, Watchdog Timer,
Voltage Monitor 1, or Voltage Monitor 2 Interrupt
Generated Interrupt Source
Bit Indicating Interrupt Source
Oscillation stop detection
(when (a) or (b))
(a) OCD3 bit in OCD register = 1
(b) Bits OCD1 to OCD0 in OCD register = 11b and OCD2 bit = 1
Watchdog timer
VW2C3 bit in VW2C register = 1
Voltage monitor 1
VW1C2 bit in VW1C register = 1
Voltage monitor 2
VW2C2 bit in VW2C register = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com