Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACBNFP Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R5F2L3ACBNFP
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACBNFP Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R5F2L3ACBNFP Datasheet HTML 174Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 175Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 176Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 177Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 178Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 179Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 180Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 181Page - Renesas Technology Corp R5F2L3ACBNFP Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 848 page
background image
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 142 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
9. Clock Generation Circuit
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Figure 9.5
Procedure for Switching Low-Speed On-Chip Oscillator to XIN Clock
Figure 9.6
Example of Determining Interrupt Sources for Oscillation Stop Detection, Watchdog
Timer, Voltage Monitor 1, or Voltage Monitor 2 Interrupt
OCD3 to OCD0: Bits in OCD register
Switch to XIN clock
Check several times
whether OCD3 bit is set to 0
(XIN clock oscillates)
Set bits OCD1 to OCD0 to 00b
Set OCD2 bit to 0
(XIN clock selected)
End
YES
NO
Determination of
interrupt sources
OCD3 = 1?
(XIN clock stops)
OCD1 = 1
(oscillation stop detection
interrupt enabled) and OCD2 = 1
(on-chip oscillator clock
selected as the system clock)?
VW2C3 = 1?
(watchdog timer underflow)
VW2C2 = 1?
(Vdet2 passed)
To oscillation stop detection
interrupt routine
To voltage monitor 1
interrupt routine
To voltage monitor 2
interrupt routine
To watchdog timer
interrupt routine
NO
YES
NO
YES
NO
YES
NO
YES
Note:
1. This disables multiple oscillation stop detection interrupts.
OCD1 to OCD3: Bits in OCD register
VW2C2, VW2C3: Bits in VW2C register
Set OCD1 bit to 0
(oscillation stop detection
interrupt disabled) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com