Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-1CS896 Datasheet(PDF) 75 Page - Actel Corporation

Part # AX2000-1CS896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896 Datasheet(HTML) 75 Page - Actel Corporation

Back Button AX2000-1CS896 Datasheet HTML 71Page - Actel Corporation AX2000-1CS896 Datasheet HTML 72Page - Actel Corporation AX2000-1CS896 Datasheet HTML 73Page - Actel Corporation AX2000-1CS896 Datasheet HTML 74Page - Actel Corporation AX2000-1CS896 Datasheet HTML 75Page - Actel Corporation AX2000-1CS896 Datasheet HTML 76Page - Actel Corporation AX2000-1CS896 Datasheet HTML 77Page - Actel Corporation AX2000-1CS896 Datasheet HTML 78Page - Actel Corporation AX2000-1CS896 Datasheet HTML 79Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-61
The HM and CM modules can select between:
•
The HCLK or CLK source respectively
•
A local signal routed on generic routing resources
This
allows
each
core
tile
to
have
eight
clocks
independent of the other core tiles in the device.
Both HCLK and CLK are segmentable, meaning that
individual branches of the global resource can be used
independently.
Like the HM and CM modules, the HD and RD modules
can select between:
•
The HCLK or CLK source from the HM or CM
module respectively
•
A local signal routed on generic routing resources
The AX architecture is capable of supporting a large
number of local clocks – 24 segments per HCLK driving
north-south and 28 segments per CLK driving east-west
per core tile.
Actel's
Designer
software’s
place-and-route
takes
advantage of the segmented clock structure found in
Axcelerator devices by turning off any unused clock
segments. This results in not only better performance but
also lower power consumption.
Global Resource Access Macros
Global resources can be driven by one of three sources:
external pad(s), an internal net, or the output of a PLL.
These connections can be made by using one of three
types of macros: CLKBUF, CLKINT, and PLLCLK.
CLKBUF and HCLKBUF
CLKBUF (HCLKBUF) is used to drive a CLK (HCLK) from
external pads. These macros can be used either
generically or with the specific I/O standard desired
(e.g.
CLKBUF_LVCMOS25,
HCLKBUF_LVDS,
etc.)
(Figure 2-42).
Package pins CLKEP and CLKEN are associated with
CLKE; package pins HCLKAP and HCLKAN are
associated with HCLKA, etc.
Note that when CLKBUF (HCLKBUF) is used with a
single-ended I/O standard, it must be tied to the P-
pad of the CLK (HCLK) package pin. In this case, the
CLK (HCLK) N-pad can be used for user signals.
CLKINT and HCLKINT
CLKINT (HCLKINT) is used to access the CLK (HCLK)
resource internally from the user signals (Figure 2-43).
PLLRCLK and PLLHCLK
PLLRCLK (PLLHCLK) is used to drive global resource
CLK (HCLK) from a PLL (Figure 2-44).
Using Global Resources with PLLs
Each global resource has an associated PLL at its root. For
example, PLLA can drive HCLKA, PLLE can drive CLKE, etc.
(Figure 2-45 on page 2-62).
In addition, each clock pin of the package can be used to
drive either its associated global resource or PLL. For
example, package pins CLKEP and CLKEN can drive either
the RefCLK input of PLLE or CLKE.
There are two macros required when interfacing the
embedded PLLs with the global resources: PLLINT and PLLOUT.
PLLINT
This macro is used to drive the RefCLK input of the PLL
internally from user signals.
PLLOUT
This macro is used to connect either the CLK1 or CLK2
output of a PLL to the regular routing network (Figure 2-
46 on page 2-62).
Figure 2-42 • CLKBUF and HCLKBUF
P
N
CLKBUF
HCLKBUF
Clock
Network
Figure 2-43 • CLKINT and HCLKINT
Figure 2-44 • PLLRCLK and PLLHCLK
CLKINT
HCLKINT
Clock
Network
Logic
PLLRCLK
PLLHCLK
Clock
Network
CLK1
CLK2
FB
RefCLK
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com