Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 72 Page - Altera Corporation

Part # EP2S30
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 72 Page - Altera Corporation

Back Button EP2S30 Datasheet HTML 68Page - Altera Corporation EP2S30 Datasheet HTML 69Page - Altera Corporation EP2S30 Datasheet HTML 70Page - Altera Corporation EP2S30 Datasheet HTML 71Page - Altera Corporation EP2S30 Datasheet HTML 72Page - Altera Corporation EP2S30 Datasheet HTML 73Page - Altera Corporation EP2S30 Datasheet HTML 74Page - Altera Corporation EP2S30 Datasheet HTML 75Page - Altera Corporation EP2S30 Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 238 page
background image
2–64
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
PLLs & Clock Networks
Figure 2–43. Global & Regional Clock Connections from Top & Bottom Clock Pins & Enhanced PLL Outputs
Notes (1), (2), and (3)
Notes to Figure 2–43:
(1)
EP2S15 and EP2S30 devices only have two enhanced PLLs (5 and 6), but the connectivity from these two PLLs to
the global and regional clock networks remains the same as shown.
(2)
If the design uses the feedback input, you lose one (or two, if FBIN is differential) external clock output pin.
(3)
The enhanced PLLs can also be driven through the global or regional clock netowrks. The global or regional clock
input can be driven by an output from another PLL, a pin-driven dedicated global or regional clock, or through a
clock control block provided the clock control block is fed by an output from another PLL or a pin-driven dedicated
global or regional clock. An internally generated global signal cannot drive the PLL.
G15
G14
G13
G12
RCLK31
RCLK30
RCLK29
RCLK28
RCLK27
RCLK26
RCLK25
RCLK24
G7
G6
G5
G4
RCLK15
RCLK14
RCLK13
RCLK12
RCLK11
RCLK10
RCLK9
RCLK8
PLL 6
CLK7
CLK6
CLK5
CLK4
PLL 12
PLL 5
c0 c1 c2 c3 c4 c5
c0 c1 c2 c3 c4 c5
c0 c1 c2 c3 c4 c5
c0 c1 c2 c3 c4 c5
CLK14
CLK15
CLK13
CLK12
PLL 11
PLL11_FB
PLL5_OUT[2..0]p
PLL5_OUT[2..0]n
PLL11_OUT[2..0]p
PLL11_OUT[2..0]n
PLL12_OUT[2..0]p
PLL12_OUT[2..0]n
PLL6_OUT[2..0]p
PLL6_OUT[2..0]n
PLL5_FB
PLL12_FB
PLL6_FB
Global
Clocks
Regional
Clocks
Regional
Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com