| Electronic Components Datasheet Search |
|
EP2S30 Datasheet(PDF) 89 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2S30 Datasheet(HTML) 89 Page - Altera Corporation |
|
89 / 238 page ![]() Altera Corporation 2–81 May 2007 Stratix II Device Handbook, Volume 1 Stratix II Architecture Figure 2–55. Output TIming Diagram in DDR Mode The Stratix II IOE operates in bidirectional DDR mode by combining the DDR input and DDR output configurations. The negative-edge-clocked OE register holds the OE signal inactive until the falling edge of the clock. This is done to meet DDR SDRAM timing requirements. External RAM Interfacing In addition to the six I/O registers in each IOE, Stratix II devices also have dedicated phase-shift circuitry for interfacing with external memory interfaces. Stratix II devices support DDR and DDR2 SDRAM, QDR II SRAM, RLDRAM II, and SDR SDRAM memory interfaces. In every Stratix II device, the I/O banks at the top (banks 3 and 4) and bottom (banks 7 and 8) of the device support DQ and DQS signals with DQ bus modes of ×4, ×8/×9, ×16/×18, or ×32/×36. Table 2–14 shows the number of DQ and DQS buses that are supported per device. From Internal Registers DDR output CLK B1 A1 B2 A2 B3 A3 B4 A4 A2 A1 A3 A4 B1 B2 B3 B4 Table 2–14. DQS & DQ Bus Mode Support (Part 1 of 2) Note (1) Device Package Number of ×4 Groups Number of ×8/×9 Groups Number of ×16/×18 Groups Number of ×32/×36 Groups EP2S15 484-pin FineLine BGA 8 4 0 0 672-pin FineLine BGA 18 8 4 0 EP2S30 484-pin FineLine BGA 8 4 0 0 672-pin FineLine BGA 18 8 4 0 EP2S60 484-pin FineLine BGA 8 4 0 0 672-pin FineLine BGA 18 8 4 0 1,020-pin FineLine BGA 36 18 8 4 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |