Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 41 Page - Altera Corporation

Part # EP2S30
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP2S30 Datasheet HTML 37Page - Altera Corporation EP2S30 Datasheet HTML 38Page - Altera Corporation EP2S30 Datasheet HTML 39Page - Altera Corporation EP2S30 Datasheet HTML 40Page - Altera Corporation EP2S30 Datasheet HTML 41Page - Altera Corporation EP2S30 Datasheet HTML 42Page - Altera Corporation EP2S30 Datasheet HTML 43Page - Altera Corporation EP2S30 Datasheet HTML 44Page - Altera Corporation EP2S30 Datasheet HTML 45Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 238 page
background image
Altera Corporation
2–33
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
The M4K RAM blocks allow for different clocks on their inputs and
outputs. Either of the two clocks feeding the block can clock M4K RAM
block registers (renwe, address, byte enable, datain, and output registers).
Only the output register can be bypassed. The six labclk signals or local
interconnects can drive the control signals for the A and B ports of the
M4K RAM block. ALMs can also control the clock_a, clock_b,
renwe_a
, renwe_b, clr_a, clr_b, clocken_a, and clocken_b
signals, as shown in Figure 2–21.
The R4, C4, and direct link interconnects from adjacent LABs drive the
M4K RAM block local interconnect. The M4K RAM blocks can
communicate with LABs on either the left or right side through these row
resources or with LAB columns on either the right or left with the column
resources. Up to 16 direct link input connections to the M4K RAM Block
are possible from the left adjacent LABs and another 16 possible from the
right adjacent LAB. M4K RAM block outputs can also connect to left and
right LABs through direct link interconnect. Figure 2–22 shows the M4K
RAM block to logic array interface.
Figure 2–21. M4K RAM Block Control Signals
clock_b
clocken_a
clock_a
clocken_b
aclr_b
aclr_a
Dedicated
Row LAB
Clocks
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
renwe_b
renwe_a
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com