Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 4 Page - Altera Corporation

Part # EP2S30
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 4 Page - Altera Corporation

  EP2S30 Datasheet HTML 1Page - Altera Corporation EP2S30 Datasheet HTML 2Page - Altera Corporation EP2S30 Datasheet HTML 3Page - Altera Corporation EP2S30 Datasheet HTML 4Page - Altera Corporation EP2S30 Datasheet HTML 5Page - Altera Corporation EP2S30 Datasheet HTML 6Page - Altera Corporation EP2S30 Datasheet HTML 7Page - Altera Corporation EP2S30 Datasheet HTML 8Page - Altera Corporation EP2S30 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 238 page
background image
1–2
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
Features
■
Support for numerous single-ended and differential I/O standards
■
High-speed differential I/O support with DPA circuitry for 1-Gbps
performance
■
Support for high-speed networking and communications bus
standards including Parallel RapidIO, SPI-4 Phase 2 (POS-PHY
Level 4), HyperTransport™ technology, and SFI-4
■
Support for high-speed external memory, including DDR and DDR2
SDRAM, RLDRAM II, QDR II SRAM, and SDR SDRAM
■
Support for multiple intellectual property megafunctions from
Altera MegaCore® functions and Altera Megafunction Partners
Program (AMPPSM) megafunctions
■
Support for design security using configuration bitstream
encryption
■
Support for remote configuration updates
Table 1–1. Stratix II FPGA Family Features
Feature
EP2S15
EP2S30
EP2S60
EP2S90
EP2S130
EP2S180
ALMs
6,240
13,552
24,176
36,384
53,016
71,760
Adaptive look-up tables (ALUTs) (1)
12,480
27,104
48,352
72,768
106,032
143,520
Equivalent LEs (2)
15,600
33,880
60,440
90,960
132,540
179,400
M512 RAM blocks
104
202
329
488
699
930
M4K RAM blocks
78
144
255
408
609
768
M-RAM blocks
0
124
69
Total RAM bits
419,328
1,369,728
2,544,192
4,520,488
6,747,840
9,383,040
DSP blocks
12
16
36
48
63
96
18-bit × 18-bit multipliers (3)
48
64
144
192
252
384
Enhanced PLLs
2
2
4
4
4
4
Fast PLLs
4
488
88
Maximum user I/O pins
366
500
718
902
1,126
1,170
Notes to Table 1–1:
(1)
One ALM contains two ALUTs. The ALUT is the cell used in the Quartus® II software for logic synthesis.
(2)
This is the equivalent number of LEs in a Stratix device (four-input LUT-based architecture).
(3)
These multipliers are implemented using the DSP blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com