| Electronic Components Datasheet Search |
|
EP2S30 Datasheet(PDF) 22 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2S30 Datasheet(HTML) 22 Page - Altera Corporation |
|
22 / 238 page ![]() 2–14 Altera Corporation Stratix II Device Handbook, Volume 1 May 2007 Adaptive Logic Modules Figure 2–10. Template for Supported Seven-Input Functions in Extended LUT Mode Note to Figure 2–10: (1) If the seven-input function is unregistered, the unused eighth input is available for register packing. The second register, reg1, is not available. Arithmetic Mode The arithmetic mode is ideal for implementing adders, counters, accumulators, wide parity functions, and comparators. An ALM in arithmetic mode uses two sets of two four-input LUTs along with two dedicated full adders. The dedicated adders allow the LUTs to be available to perform pre-adder logic; therefore, each adder can add the output of two four-input functions. The four LUTs share the dataa and datab inputs. As shown in Figure 2–11, the carry-in signal feeds to adder0 , and the carry-out from adder0 feeds to carry-in of adder1. The carry-out from adder1 drives to adder0 of the next ALM in the LAB. ALMs in arithmetic mode can drive out registered and/or unregistered versions of the adder outputs. datae0 combout0 5-Input LUT 5-Input LUT datac dataa datab datad dataf0 datae1 dataf1 DQ To general or local routing To general or local routing reg0 This input is available for register packing. (1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |