Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 85 Page - Altera Corporation

Part # EP2S30
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 85 Page - Altera Corporation

Back Button EP2S30 Datasheet HTML 81Page - Altera Corporation EP2S30 Datasheet HTML 82Page - Altera Corporation EP2S30 Datasheet HTML 83Page - Altera Corporation EP2S30 Datasheet HTML 84Page - Altera Corporation EP2S30 Datasheet HTML 85Page - Altera Corporation EP2S30 Datasheet HTML 86Page - Altera Corporation EP2S30 Datasheet HTML 87Page - Altera Corporation EP2S30 Datasheet HTML 88Page - Altera Corporation EP2S30 Datasheet HTML 89Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 238 page
background image
Altera Corporation
2–77
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
The Stratix II device IOE includes programmable delays that can be
activated to ensure input IOE register-to-logic array register transfers,
input pin-to-logic array register transfers, or output IOE register-to-pin
transfers.
A path in which a pin directly drives a register may require the delay to
ensure zero hold time, whereas a path in which a pin drives a register
through combinational logic may not require the delay. Programmable
delays exist for decreasing input-pin-to-logic-array and IOE input
register delays. The Quartus II Compiler can program these delays to
automatically minimize setup time while providing a zero hold time.
Programmable delays can increase the register-to-pin delays for output
and/or output enable registers. Programmable delays are no longer
required to ensure zero hold times for logic array register-to-IOE register
transfers. The Quartus II Compiler can create the zero hold time for these
transfers. Table 2–13 shows the programmable delays for Stratix II
devices.
The IOE registers in Stratix II devices share the same source for clear or
preset. You can program preset or clear for each individual IOE. You can
also program the registers to power up high or low after configuration is
complete. If programmed to power up low, an asynchronous clear can
control the registers. If programmed to power up high, an asynchronous
preset can control the registers. This feature prevents the inadvertent
activation of another device's active-low input upon power-up. If one
register in an IOE uses a preset or clear signal then all registers in the IOE
must use that same signal if they require preset or clear. Additionally, a
synchronous reset signal is available for the IOE registers.
Double Data Rate I/O Pins
Stratix II devices have six registers in the IOE, which support DDR
interfacing by clocking data on both positive and negative clock edges.
The IOEs in Stratix II devices support DDR inputs, DDR outputs, and
bidirectional DDR modes.
Table 2–13. Stratix II Programmable Delay Chain
Programmable Delays
Quartus II Logic Option
Input pin to logic array delay
Input delay from pin to internal cells
Input pin to input register delay
Input delay from pin to input register
Output pin delay
Delay from output register to output pin
Output enable register tCO delay
Delay to output enable pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com