Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2S30 Datasheet(PDF) 18 Page - Altera Corporation

Part # EP2S30
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S30 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP2S30 Datasheet HTML 14Page - Altera Corporation EP2S30 Datasheet HTML 15Page - Altera Corporation EP2S30 Datasheet HTML 16Page - Altera Corporation EP2S30 Datasheet HTML 17Page - Altera Corporation EP2S30 Datasheet HTML 18Page - Altera Corporation EP2S30 Datasheet HTML 19Page - Altera Corporation EP2S30 Datasheet HTML 20Page - Altera Corporation EP2S30 Datasheet HTML 21Page - Altera Corporation EP2S30 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 238 page
background image
2–10
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
Adaptive Logic Modules
synchronous load, and clock enable control for the register. These LAB-
wide signals are available in all ALM modes. See the “LAB Control
Signals” section for more information on the LAB-wide control signals.
The Quartus II software and supported third-party synthesis tools, in
conjunction with parameterized functions such as library of
parameterized modules (LPM) functions, automatically choose the
appropriate mode for common functions such as counters, adders,
subtractors, and arithmetic functions. If required, you can also create
special-purpose functions that specify which ALM operating mode to use
for optimal performance.
Normal Mode
The normal mode is suitable for general logic applications and
combinational functions. In this mode, up to eight data inputs from the
LAB local interconnect are inputs to the combinational logic. The normal
mode allows two functions to be implemented in one Stratix II ALM, or
an ALM to implement a single function of up to six inputs. The ALM can
support certain combinations of completely independent functions and
various combinations of functions which have common inputs.
Figure 2–7 shows the supported LUT combinations in normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com