| Electronic Components Datasheet Search |
|
TMS320VC5505 Datasheet(PDF) 33 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5505 Datasheet(HTML) 33 Page - Texas Instruments |
|
33 / 141 page ![]() TMS320VC5505 Fixed-Point Digital Signal Processor www.ti.com SPRS503A – JUNE 2009 – REVISED JULY 2009 Table 3-14. LCD Bridge Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. This pin is multiplexed between LCD Bridge and GPIO. LCD_D[6]/ IPD For LCD Bridge, it is LCD data pin 6. N9 I/O/Z GP[16] DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and GPIO. LCD_D[5]/ IPD For LCD Bridge, it is LCD data pin 5. P9 I/O/Z GP[15] DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and GPIO. LCD_D[4]/ IPD For LCD Bridge, it is LCD data pin 4. N8 I/O/Z GP[14] DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and GPIO. LCD_D[3]/ IPD For LCD Bridge, it is LCD data pin 3. N7 I/O/Z GP[13] DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and GPIO. LCD_D[2]/ IPD For LCD Bridge, it is LCD data pin 2. P7 I/O/Z GP[12] DVDDIO Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be enabled or disabled via the PDINHIBR3 register. This pin is multiplexed between LCD Bridge and SPI. LCD_D[1]/ N6 I/O/Z DVDDIO For LCD Bridge, it is LCD data pin 1. SPI_TX Mux control via the PPMODE bits in the EBSR. This pin is multiplexed between LCD Bridge and SPI. LCD_D[0]/ P6 I/O/Z DVDDIO For LCD Bridge, it is LCD data pin 0. SPI_RX Mux control via the PPMODE bits in the EBSR. Submit Documentation Feedback Device Overview 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |