Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 77Page - Texas Instruments TMS320VC5505 Datasheet HTML 78Page - Texas Instruments TMS320VC5505 Datasheet HTML 79Page - Texas Instruments TMS320VC5505 Datasheet HTML 80Page - Texas Instruments TMS320VC5505 Datasheet HTML 81Page - Texas Instruments TMS320VC5505 Datasheet HTML 82Page - Texas Instruments TMS320VC5505 Datasheet HTML 83Page - Texas Instruments TMS320VC5505 Datasheet HTML 84Page - Texas Instruments TMS320VC5505 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 141 page
background image
6.9.1
EMIF Asynchronous Memory Support
6.9.2
EMIF Peripheral Register Description(s)
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
The EMIF provides an 8-bit or 16-bit data bus, an address bus width up to 21 bits, and 4 chip selects,
along with memory control signals.
The EM_A[20:15] address signals are multiplexed with the GPIO peripheral and controlled by the External
Bus Selection Register (EBSR). For more detail on the pin muxing, see the Section 4.6.1, External Bus
Selection Register (EBSR). For more information on the VC5505 EMIF, see the TMS320VC5505 DSP
External Memory Interface (EMIF) User's Guide (literature number SPRUFO8).
The EMIF supports asynchronous:
• SRAM memories
• NAND Flash memories
• NOR Flash memories
The EMIF data bus can be configured for both 8- or 16-bit width. The device supports up to 21 address
lines and four external wait/interrupt inputs. Up to four asynchronous chip selects are supported by EMIF
(EM_CS[5:2]).
Each chip select has the following individually programmable attributes:
• Data bus width
• Read cycle timings: setup, hold, strobe
• Write cycle timings: setup, hold, strobe
• Bus turn around time
• Extended Wait Option With Programmable Timeout
• Select Strobe Option
• NAND flash controller supports 1-bit and 4-bit ECC calculation on blocks of 512 bytes
Table 6-11 shows the EMIF registers.
For more detailed information on the EMIF and its registers, see the TMS320VC5505 External Memory
Interface (EMIF) User's Guide (literature number SPRUFO8).
Table 6-11. External Memory Interface (EMIF) Peripheral Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
1000h
REV
Revision Register
1001h
STATUS
Status Register
1004h
AWCCR1
Asynchronous Wait Cycle Configuration Register 1
1005h
AWCCR2
Asynchronous Wait Cycle Configuration Register 2
1010h
ACS2CR1
Asynchronous CS2 Configuration Register 1
1011h
ACS2CR2
Asynchronous CS2 Configuration Register 2
1014h
ACS3CR1
Asynchronous CS3 Configuration Register 1
1015h
ACS3CR2
Asynchronous CS3 Configuration Register 2
1018h
ACS4CR1
Asynchronous CS4 Configuration Register 1
1019h
ACS4CR2
Asynchronous CS4 Configuration Register 2
101Ch
ACS5CR1
Asynchronous CS5 Configuration Register 1
101Dh
ACS5CR2
Asynchronous CS5 Configuration Register 2
1040h
EIRR
EMIF Interrupt Raw Register
1044h
EIMR
EMIF Interrupt Mask Register
(1)
Before reading or writing to the EMIF registers, be sure to set the BYTEMODE bits to 00b in the EMIF system control register to enable
word accesses to the EMIF registers.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com