Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320VC5505 Datasheet HTML 1Page - Texas Instruments TMS320VC5505 Datasheet HTML 2Page - Texas Instruments TMS320VC5505 Datasheet HTML 3Page - Texas Instruments TMS320VC5505 Datasheet HTML 4Page - Texas Instruments TMS320VC5505 Datasheet HTML 5Page - Texas Instruments TMS320VC5505 Datasheet HTML 6Page - Texas Instruments TMS320VC5505 Datasheet HTML 7Page - Texas Instruments TMS320VC5505 Datasheet HTML 8Page - Texas Instruments TMS320VC5505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
1
Fixed-Point Digital Signal Processor
1.1 TMS320VC5505 Features
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
• High-Performance, Low-Power, TMS320C55x™
• Four Inter-IC Sound (I2S Bus™) for Data
Fixed-Point Digital Signal Processor
Transport
–
16.67-, 10-ns Instruction Cycle Time
• Device USB Port With Integrated 2.0
–
60-, 100-MHz Clock Rate
High-Speed PHY that Supports:
–
One/Two Instruction(s) Executed per Cycle
–
USB 2.0 Full- and High-Speed Device
–
Dual Multipliers [Up to 200 Million
• LCD Bridge With Asynchronous Interface
Multiply-Accumulates per Second
• Tightly-Coupled FFT Hardware Accelerator
(MMACS)]
• 10-Bit 4-Input Successive Approximation
–
Two Arithmetic/Logic Units (ALUs)
(SAR) ADC
–
Three Internal Data/Operand Read Buses
• Real-Time Clock (RTC) With Crystal Input, With
and Two Internal Data/Operand Write Buses
Separate Clock Domain, Separate Power
–
Fully Software-Compatible With C55x
Supply
Devices
–
Industrial Temperature Devices Available
• Four Core Isolated Power Supply Domains:
Analog, RTC, CPU and Peripherals, and USB
• 320K Bytes Zero-Wait State On-Chip RAM,
Composed of:
• Four I/O Isolated Power Supply Domains: RTC
–
64K Bytes of Dual-Access RAM (DARAM),
I/O, EMIF I/O, USB PHY, and DVDDIO
8 Blocks of 4K x 16-Bit
• Low-Power S/W Programmable Phase-Locked
–
256K Bytes of Single-Access RAM
Loop (PLL) Clock Generator
(SARAM), 32 Blocks of 4K x 16-Bit
• On-Chip ROM Bootloader (RBL) to Boot From
• 128K Bytes of Zero Wait-State On-Chip ROM
NAND Flash, NOR Flash, SPI EEPROM, or I2C
(4 Blocks of 16K x 16-Bit)
EEPROM
• 16-/8-Bit External Memory Interface (EMIF) with
• IEEE-1149.1 (JTAG™)
Glueless Interface to:
Boundary-Scan-Compatible
–
8-/16-Bit NAND Flash, 1- and 4-Bit ECC
• Up to 26 General-Purpose I/O (GPIO) Pins
–
8-/16-Bit NOR Flash
(Multiplexed With Other Device Functions)
–
Asynchronous Static RAM (SRAM)
• 196-Terminal Pb-Free Plastic BGA (Ball Grid
• Direct Memory Access (DMA) Controller
Array) (ZCH Suffix)
–
Four DMA With 4 Channels Each
• 1.05-V Core (60 MHz), 1.8-V, 2.5-V, 2.8-V, or
(16-Channels Total)
3.3-V I/Os
• Three 32-Bit General-Purpose Timers
• 1.3-V Core (100 MHz), 1.8-V, 2.5-V, 2.8-V, or
–
One Selectable as a Watchdog and/or GP
3.3-V I/Os
• Two MultiMedia Card/Secure Digital (MMC/SD)
• Applications:
Interfaces
–
Wireless Audio Devices (e.g., Headsets,
• Universal Asynchronous Receiver/Transmitter
Microphones, Speakerphones, etc.)
(UART)
–
Echo Cancellation Headphones
• Serial-Port Interface (SPI) With Four
–
Portable Medical Devices
Chip-Selects
–
Voice Applications
• Master/Slave Inter-Integrated Circuit (I2C
–
Industrial Controls
Bus™)
–
Fingerprint Biometrics
–
Software Defined Radio
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320VC5505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5505 TI-TMS320VC5505 Datasheet
1Mb / 135P
Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505 Datasheet
865Kb / 136P
Fixed-Point Digital Signal Processor
TMS320VC5505 TI2-TMS320VC5505 Datasheet
935Kb / 136P
TMS320VC5505 Fixed-Point Digital Signal Processor
REVISED JANUARY 2010
TMS320VC5505LZCH TI1-TMS320VC5505LZCH Datasheet
865Kb / 136P
Fixed-Point Digital Signal Processor
TMS320VC5505ZCH TI-TMS320VC5505ZCH Datasheet
1Mb / 135P
Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320VC5505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320VC5416 TI-SMJ320VC5416 Datasheet
1Mb / 92P
Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com