Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 83Page - Texas Instruments TMS320VC5505 Datasheet HTML 84Page - Texas Instruments TMS320VC5505 Datasheet HTML 85Page - Texas Instruments TMS320VC5505 Datasheet HTML 86Page - Texas Instruments TMS320VC5505 Datasheet HTML 87Page - Texas Instruments TMS320VC5505 Datasheet HTML 88Page - Texas Instruments TMS320VC5505 Datasheet HTML 89Page - Texas Instruments TMS320VC5505 Datasheet HTML 90Page - Texas Instruments TMS320VC5505 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 141 page
background image
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
Table 6-15. Switching Characteristics Over Recommended Operating Conditions for EMIF Asynchronous Memory(1)(2)(3) (see Figure 6-14,
Figure 6-16, and Figure 6-17)
CVDD = 1.3 V
DVDDEMIF = 3.3/2.8/2.5/1.8 V
NO.
PARAMETER
UNIT
MIN
NOM
MAX
READS and WRITES
1
td(TURNAROUND)
Turn around time
(TA)*E - 5
(TA)*E
(TA)*E + 5
ns
READS
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E - 5
(RS+RST+RH)*E
(RS+RST+RH)*E + 5
ns
3
tc(EMRCYCLE)
EMIF read cycle time (EW = 1)
(RS+RST+RH+(EWC*16))*E - 5
(RS+RST+RH+(EWC*16))*E (RS+RST+RH+(EWC*16))*E + 5
ns
Output setup time, EM_CS[5:2] low to EM_OE low (SS = 0)
(RS)*E-5
(RS)*E
(RS)*E+5
ns
4
tsu(EMCSL-EMOEL)
Output setup time, EM_CS[5:2] low to EM_OE low (SS = 1)
-5
0
+5
ns
Output hold time, EM_OE high to EM_CS[5:2] high (SS = 0)
(RH)*E - 5
(RH)*E
(RH)*E + 5
ns
5
th(EMOEH-EMCSH)
Output hold time, EM_OE high to EM_CE[5:2] high (SS = 1)
-5
0
+5
ns
6
tsu(EMBAV-EMOEL)
Output setup time, EM_BA[1:0] valid to EM_OE low
(RS)*E-5
(RS)*E
(RS)*E+5
ns
7
th(EMOEH-EMBAIV)
Output hold time, EM_OE high to EM_BA[1:0] invalid
(RH)*E-5
(RH)*E
(RH)*E+5
ns
8
tsu(EMAV-EMOEL)
Output setup time, EM_A[20:0] valid to EM_OE low
(RS)*E-5
(RS)*E
(RS)*E+5
ns
9
th(EMOEH-EMAIV)
Output hold time, EM_OE high to EM_A[20:0] invalid
(RH)*E-5
(RH)*E
(RH)*E+5
ns
EM_OE active low width (EW = 0)
(RST)*E-5
(RST)*E
(RST)*E+5
ns
10
tw(EMOEL)
EM_OE active low width (EW = 1)
(RST+(EWC*16))*E-5
(RST+(EWC*16))*E
(RST+(EWC*16))*E+5
ns
11
td(EMWAITH-EMOEH)
Delay time from EM_WAITx deasserted to EM_OE high
4E-5
4E
4E+5
ns
WRITES
EMIF write cycle time (EW = 0)
(WS+WST+WH)*E-5
(WS+WST+WH)*E
(WS+WST+WH)*E+5
ns
15
tc(EMWCYCLE)
(WS+WST+WH+(EWC*16))*E -
(WS+WST+WH+(EWC*16))*E +
EMIF write cycle time (EW = 1)
(WS+WST+WH+(EWC*16))*E
ns
5
5
Output setup time, EM_CS[5:2] low to EM_WE low (SS = 0)
(WS)*E - 5
(WS)*E
(WS)*E + 5
ns
16
tsu(EMCSL-EMWEL)
Output setup time, EM_CS[5:2] low to EM_WE low (SS = 1)
-5
0
+5
ns
Output hold time, EM_WE high to EM_CS[5:2] high (SS = 0)
(WH)*E-5
(WH)*E
(WH)*E+5
ns
17
th(EMWEH-EMCSH)
Output hold time, EM_WE high to EM_CS[5:2] high (SS = 1)
-5
0
+5
ns
18
tsu(EMBAV-EMWEL)
Output setup time, EM_BA[1:0] valid to EM_WE low
(WS)*E-5
(WS)*E
(WS)*E+5
ns
19
th(EMWEH-EMBAIV)
Output hold time, EM_WE high to EM_BA[1:0] invalid
(WH)*E-5
(WH)*E
(WH)*E+5
ns
20
tsu(EMAV-EMWEL)
Output setup time, EM_A[20:0] valid to EM_WE low
(WS)*E-5
(WS)*E
(WS)*E+5
ns
21
th(EMWEH-EMAIV)
Output hold time, EM_WE high to EM_A[20:0] invalid
(WH)*E-5
(WH)*E
(WH)*E+5
ns
(1)
TA = Turn around, RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold, MEWC = Maximum external wait cycles.
These parameters are programmed via the Asynchronous Configuration and Asynchronous Wait Cycle Configuration Registers. For more information, see the TMS320VC5505
External Memory Interface (EMIF) User's Guide (literature number SPRUFO8).
(2)
E = SYSCLK period in ns, if EMIF is set for "full rate" or E = SYSCLK/2 period in ns, if EMIF is set for "half rate" as defined by bit 14 of the EMIF Status register (0x1001h). For
example, when EMIF is set to full rate and SYSCLK is selected and set to 100 MHz, E = 10 ns.
(3)
EWC = external wait cycles determined by EM_WAITx input signal. EWC supports the following range of values EWC[256-1]. Note that the maximum wait time before timeout is
specified by bit field MEWC in the Asynchronous Wait Cycle Configuration Register. For more information, see the TMS320VC5505 Asynchronous External Memory Interface
(EMIF) User's Guide (literature number SPRUFO8).
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com