Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 9Page - Texas Instruments TMS320VC5505 Datasheet HTML 10Page - Texas Instruments TMS320VC5505 Datasheet HTML 11Page - Texas Instruments TMS320VC5505 Datasheet HTML 12Page - Texas Instruments TMS320VC5505 Datasheet HTML 13Page - Texas Instruments TMS320VC5505 Datasheet HTML 14Page - Texas Instruments TMS320VC5505 Datasheet HTML 15Page - Texas Instruments TMS320VC5505 Datasheet HTML 16Page - Texas Instruments TMS320VC5505 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
3.2.1
On-Chip Dual-Access RAM (DARAM)
3.2.2
On-Chip Single-Access RAM (SARAM)
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
The DARAM is located in the byte address range 000000h – 00FFFFh and is composed of eight blocks of
4K words each (see Table 3-2). Each DARAM block can perform two accesses per cycle (two reads, two
writes, or a read and a write). The DARAM can be accessed by the internal program, data, or DMA buses.
Table 3-2. DARAM Blocks
CPU
DMA CONTROLLER
MEMORY BLOCK
BYTE ADDRESS RANGE
BYTE ADDRESS RANGE
000000h – 001FFFh
0001 0000h – 0001 1FFFh
DARAM 0(1)
002000h – 003FFFh
0001 2000h – 0001 3FFFh
DARAM 1
004000h – 005FFFh
0001 4000h – 0001 5FFFh
DARAM 2
006000h – 007FFFh
0001 6000h – 0001 7FFFh
DARAM 3
008000h – 009FFFh
0001 8000h – 0001 9FFFh
DARAM 4
00A000h – 00BFFFh
0001 A000h – 0001 BFFFh
DARAM 5
00C000h – 00DFFFh
0001 C000h – 0001 DFFFh
DARAM 6
00E000h – 00FFFFh
0001 E000h – 0001 FFFFh
DARAM 7
(1)
The first 192 bytes are reserved for memory-mapped registers (MMRs). See Figure 3-1,
TMS320VC5505 Memory Map Summary.
The SARAM is located at the byte address range 010000h – 04FFFFh and is composed of 32 blocks of
4K words each (see Table 3-3). Each SARAM block can perform one access per cycle (one read or one
write). SARAM can be accessed by the internal program, data, or DMA buses. SARAM is also accessed
by the USB and LCD DMA buses.
Table 3-3. SARAM Blocks
CPU
DMA/USB CONTROLLER
MEMORY BLOCK
BYTE ADDRESS RANGE
BYTE ADDRESS RANGE
010000h – 011FFFh
0009 0000h – 0009 1FFFh
SARAM 0
012000h – 013FFFh
0009 2000h – 0009 3FFFh
SARAM 1
014000h – 015FFFh
0009 4000h – 0009 5FFFh
SARAM 2
016000h – 017FFFh
0009 6000h – 0009 7FFFh
SARAM 3
018000h – 019FFFh
0009 8000h – 0009 9FFFh
SARAM 4
01A000h – 01BFFFh
0009 A000h – 0009 BFFFh
SARAM 5
01C000h – 01DFFFh
0009 C000h – 0009 DFFFh
SARAM 6
01E000h – 01FFFFh
0009 E000h – 0009 FFFFh
SARAM 7
020000h – 021FFFh
000A 0000h – 000A 1FFFh
SARAM 8
022000h – 023FFFh
000A 2000h – 000A 3FFFh
SARAM 9
024000h – 025FFFh
000A 4000h – 000A 5FFFh
SARAM 10
026000h – 027FFFh
000A 6000h – 000A 7FFFh
SARAM 11
028000h – 029FFFh
000A 8000h – 000A 9FFFh
SARAM 12
02A000h – 02BFFFh
000A A000h – 000A BFFFh
SARAM 13
02C000h – 02DFFFh
000A C000h – 000A DFFFh
SARAM 14
02E000h – 02FFFFh
000A E000h – 000A FFFFh
SARAM 15
030000h – 031FFFh
000B 0000h – 000B 1FFFh
SARAM 16
032000h – 033FFFh
000B 2000h – 000B 3FFFh
SARAM 17
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com