Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 45Page - Texas Instruments TMS320VC5505 Datasheet HTML 46Page - Texas Instruments TMS320VC5505 Datasheet HTML 47Page - Texas Instruments TMS320VC5505 Datasheet HTML 48Page - Texas Instruments TMS320VC5505 Datasheet HTML 49Page - Texas Instruments TMS320VC5505 Datasheet HTML 50Page - Texas Instruments TMS320VC5505 Datasheet HTML 51Page - Texas Instruments TMS320VC5505 Datasheet HTML 52Page - Texas Instruments TMS320VC5505 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 141 page
background image
4.4 Boot Sequence
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
The boot sequence is a process by which the device's memory is loaded with program and data sections
from external flash memory, and by which some of the device's internal registers are programmed with
predetermined values. The boot sequence is started automatically after each device reset. For more
details on device reset, see Section 6.7, Reset.
There are several methods by which the memory and register initialization can take place. Each of these
methods is referred to as a boot mode. At reset, the device cycles through different boot modes until a
valid boot signature is found (see Figure 4-1). For more information on the boot modes supported, see
Section 4.4.1, Boot Modes.
The VC5505 Bootloader follows the following steps as shown in Figure 4-1
1. Immediately after reset, the CPU fetches the reset vector from 0xFFFF00. MP/MC is 0 by default, so
0xFFFF00 is mapped to internal ROM. The PLL is in bypass mode.
2. Set CLKOUT slew rate control to slow slew rate.
3. Idle all peripherals, MPORT and HWA.
4. If CLK_SEL = 0, the Bootloader powers up the PLL and sets its output frequency to 12.288 MHz (with
a 375x multiplier using VP = 749, VS = 0, input divider disabled, output divide-by-2 enabled, and output
divider enabled with VO = 0). If CLK_SEL = 1, the Bootloader keeps the PLL bypassed.
5. Apply manufacturing trim to the bandgap references.
6. Disable CLKOUT.
7. Set Register Configuration, if present in boot image.
8. Test for NOR boot on all asynchronous CS spaces (EM_CS[2:5]) with 16-bit access:
a.
Check the first 2 bytes read from boot signature.
b.
If the boot signature is not valid, go to step 9.
c.
Attempt NOR boot, go to step 17.
9. Test for NAND boot on all asynchronous CS spaces (EM_CS[2:5]) with 8-bit access:
a.
Check the first 2 bytes read from boot table for a boot signature match.
b.
If the boot signature is not valid, go to step 10.
c.
Attempt NAND boot, go to step 17.
10. Test for SPI EEPROM boot on SPI_CS[0] with 500-KHz clock rate and for Parallel Port Mode on
External bus Selection Register set to 5, then set to 6:
a.
Check the first 2 bytes read from boot table for a boot signature match.
b.
If the boot signature is not valid, go to step 11.
c.
Attempt SPI EEPROM boot, go to step 17.
11. Test for I2C EEPROM boot with a 7-bit slave address 0x50 and 400-kHz clock rate.
a.
Check the first 2 bytes read from boot table for a boot signature match.
b.
If the boot signature is not valid, go to step 12.
c.
Attempt I2C EEPROM boot, go to step 17.
12. Test for MMC/SD boot --- MMC/SD boot is not supported.
13. Set the PLL output to approximately 36 MHz. If CLK_SEL = 1, CLKIN multiplied by 3x, ; if CLK_SEL =
0, CLKIN is multiplied by 1125x.
14. Test for UART boot --- UART boot is not supported.
15. Test for USB boot --- USB boot is not supported.
16. If the boot signature is not valid, then go back to step 14 and repeat.
17. Enable TIMER0 to start counting 200 ms.
18. Ensure a minimum of 200 ms has elapsed since step 17 before proceeding to execute the bootloaded
code.
19. Jump to the entry point specified in the boot image.
Submit Documentation Feedback
Device Configuration
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com