Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 23Page - Texas Instruments TMS320VC5505 Datasheet HTML 24Page - Texas Instruments TMS320VC5505 Datasheet HTML 25Page - Texas Instruments TMS320VC5505 Datasheet HTML 26Page - Texas Instruments TMS320VC5505 Datasheet HTML 27Page - Texas Instruments TMS320VC5505 Datasheet HTML 28Page - Texas Instruments TMS320VC5505 Datasheet HTML 29Page - Texas Instruments TMS320VC5505 Datasheet HTML 30Page - Texas Instruments TMS320VC5505 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 141 page
background image
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
Table 3-9. Inter-Integrated Circuit (I2C) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
I2C
This pin is the I2C clock output. Per the I2C standard, an external pullup is required
SCL
B7
I/O/Z
DVDDIO
on this pin.
This pin is the I2C bidirectional data signal. Per the I2C standard, an external pullup
SDA
B8
I/O/Z
DVDDIO
is required on this pin.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Table 3-10. Inter-IC Sound (I2S0 – I2S3) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Interface 0 (I2S0)
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_D0/
IPD
For I2S, it is I2S0 transmit data output I2S0_DX.
I2S0_DX/
L9
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[2]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_CLK/
IPD
For I2S, it is I2S0 clock input/output I2S0_CLK.
I2S0_CLK/
L10
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[0]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_D1/
IPD
For I2S, it is I2S0 receive data input I2S0_RX.
I2S0_RX/
M10
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[3]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC0, I2S0, and GPIO.
MMC0_CMD/
IPD
For I2S, it is I2S0 frame synchronization input/output I2S0_FS.
I2S0_FS/
M11
I/O/Z
DVDDIO
Mux control via the SP0MODE bits in the EBSR. The IPD resistor on this pin can be
GP[1]
enabled or disabled via the PDINHIBR1 register.
Interface 1 (I2S1)
This pin is multiplexed between MMC1, I2S1, and GPIO.
MMC1_D0/
IPD
For I2S, it is I2S1 transmit data output I2S1_DX.
I2S1_DX/
M14
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[8]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC1, I2S1, and GPIO.
MMC1_CLK/
IPD
For I2S, it is I2S1 clock input/output I2S1_CLK.
I2S1_CLK/
M13
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[6]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed between MMC1, I2S1, and GPIO.
MMC1_D1/
IPD
For I2S, it is I2S1 receive data input I2S1_RX.
I2S1_RX/
M12
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[9]
enabled or disabled via the PDINHIBR1 register.
This pin is multiplexed betweenn MMC1, I2S2, and GPIO.
MMC1_CMD/
IPD
For I2S, it is I2S1 frame synchronization input/output I2S1_FS.
I2S1_FS/
L14
I/O/Z
DVDDIO
Mux control via the SP1MODE bits in the EBSR. The IPD resistor on this pin can be
GP[7]
enabled or disabled via the PDINHIBR1 register.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com