Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 93Page - Texas Instruments TMS320VC5505 Datasheet HTML 94Page - Texas Instruments TMS320VC5505 Datasheet HTML 95Page - Texas Instruments TMS320VC5505 Datasheet HTML 96Page - Texas Instruments TMS320VC5505 Datasheet HTML 97Page - Texas Instruments TMS320VC5505 Datasheet HTML 98Page - Texas Instruments TMS320VC5505 Datasheet HTML 99Page - Texas Instruments TMS320VC5505 Datasheet HTML 100Page - Texas Instruments TMS320VC5505 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 141 page
background image
6.11.1 RTC Peripheral Register Description(s)
6.11.1.1 RTC Electrical Data/Timing
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
Table 6-20 shows the RTC registers.
Table 6-20. Real-Time Clock (RTC) Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
1900h
RTCINTEN
RTC Interrupt Enable Register
1901h
RTCUPDATE
RTC Update Register
1904h
RTCMIL
Milliseconds Register
1905h
RTCMILA
Milliseconds Alarm Register
1908h
RTCSEC
Seconds Register
1909h
RTCSECA
Seconds Alarm Register
190Ch
RTCMIN
Minutes Register
190Dh
RTCMINA
Minutes Alarm Register
1910h
RTCHOUR
Hours Register
1911h
RTCHOURA
Hours Alarm Register
1914h
RTCDAY
Days Register
1915h
RTCDAYA
Days Alarm Register
1918h
RTCMONTH
Months Register
1919h
RTCMONTHA
Months Alarm Register
191Ch
RTCYEAR
Years Register
191Dh
RTCYEARA
Years Alarm Register
1920h
RTCINTFL
RTC Interrupt Flag Register
1921h
RTCNOPWR
RTC Lost Power Status Register
1924h
RTCINTREG
RTC Interrupt Register
1928h
RTCDRIFT
RTC Compensation Register
192Ch
RTCOSC
RTC Oscillator Register
1930h
RTCPMGT
RTC Power Management Register
1960h
RTCSCR1
RTC LSW Scratch Register 1
1961h
RTCSCR2
RTC MSW Scratch Register 2
1964h
RTCSCR3
RTC LSW Scratch Register 3
1965h
RTCSCR4
RTC MSW Scratch Register 4
(1)
For more information on RTC and its registers, see the TMS320VC5505 Real-Time Clock (RTC) User’s Guide (literature number
SPRUFO7).
For more detailed information on RTC electrical timings, specifically WAKEUP, see the Section 6.7.3,
Reset Electrical Data/Timing.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com