Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 35Page - Texas Instruments TMS320VC5505 Datasheet HTML 36Page - Texas Instruments TMS320VC5505 Datasheet HTML 37Page - Texas Instruments TMS320VC5505 Datasheet HTML 38Page - Texas Instruments TMS320VC5505 Datasheet HTML 39Page - Texas Instruments TMS320VC5505 Datasheet HTML 40Page - Texas Instruments TMS320VC5505 Datasheet HTML 41Page - Texas Instruments TMS320VC5505 Datasheet HTML 42Page - Texas Instruments TMS320VC5505 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 141 page
background image
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
Table 3-19. Regulators and Power Management Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Regulators
[Not supported on this device. Reserved for compatibility with future devices].
For proper device operation, this pin must be connected to an ~ 1.0
µF decoupling
DSP_LDOO
E10
S
capacitor to VSS. For more detailed information, see Section 6.3.3, Power-Supply
Decoupling.
[Not supported on this device. Reserved for compatibility with future devices].
DSP_LDOI
F14
S
For proper device operation, this pin must be connected to the same supply as the
ANA_LDOI pin (B12).
[Not supported on this device. Reserved for compatibility with future devices].
For proper device operation, this pin must be tied to ground (VSS). For future device
–
DSP_LDO_EN
D12
I
family pin compatibility, board designs should have this pin layout with a zero-
Ω
ANA_LDOI
resistor to ANA_LDOI and a zero-
Ω resistor to ground. For VC5505, only the zero-Ω
resistor to ground should be populated.
[Not supported on this device. Reserved for compatibility with future devices].
For proper device operation, this pin must be connected to the same supply as the
–
ANA_LDOI pin (B12). For future device family pin compatibility, board designs
DSP_LDO_V
D13
I
ANA_LDOI
should have this pin layout with a zero-
Ω resistor to ANA_LDOI and a zero-Ω
resistor to ground. For VC5505, only the zero-
Ω resistor to ANA_LDOI should be
populated.
[Not supported on this device. Reserved for compatibility with future devices].
USB_LDOO
F12
S
For proper device operation, this pin must be left unconnected.
[Not supported on this device. Reserved for compatibility with future devices].
USB_LDOI
F13
S
For proper device operation, this pin must be connected to the same supply as the
ANA_LDOI pin (B12).
Analog LDO output. This output provides up to 3 mA of current regulated to 1.3 V
(see the ISD parameter in Section 5.3, Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Temperature).
ANA_LDOO
A12
S
For proper device operation, this pin must be connected to an ~ 1.0
µF decoupling
capacitor to VSS. For more detailed information, see Section 6.3.3, Power-Supply
Decoupling.
Analog LDO input. This input pin must be connected to a power supply with a
ANA_LDOI
B12
S
voltage range of 1.8 V to 3.6 V. It supplies power for the ANA_LDO, the bandgap
reference generator circuits, and is the I/O supply for some input pins.
Bandgap reference filter signal. For proper device operation, this pin needs to be
bypassed with a 0.1
µF capacitor to analog ground (V
SSA_ANA).
BG_CAP
B13
O
This external capacitor provides filtering for stable reference voltages & currents
generated by the bandgap circuit. The bandgap produces the references for use by
the System PLL, SAR, and POR circuits.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com