Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 59Page - Texas Instruments TMS320VC5505 Datasheet HTML 60Page - Texas Instruments TMS320VC5505 Datasheet HTML 61Page - Texas Instruments TMS320VC5505 Datasheet HTML 62Page - Texas Instruments TMS320VC5505 Datasheet HTML 63Page - Texas Instruments TMS320VC5505 Datasheet HTML 64Page - Texas Instruments TMS320VC5505 Datasheet HTML 65Page - Texas Instruments TMS320VC5505 Datasheet HTML 66Page - Texas Instruments TMS320VC5505 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 141 page
background image
5.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
Full speed: USB_DN and
2.8
USB_VDDA3P3
V
USB_DP(2)
High speed: USB_DN and
360
440
mV
USB_DP(2)
VOH
High-level output voltage, 3.3, 2.8,
2.5, 1.8 V I/O (except GPAIN[3:0]
IO = IOH
0.8 * DVDD
V
pins)
High-level output voltage,
IO = IOH
0.8 * VDDA_ANA
V
GPAIN[3:1] pins
Full speed: USB_DN and
0.0
0.3
V
USB_DP(2)
High speed: USB_DN and
–10
10
mV
USB_DP(2)
Low-level output voltage, 3.3, 2.8,
VOL
2.5, 1.8V I/O (except I2C and
IO = IOL
0.2 * DVDD
V
GPAIN[3:0] pins)
Low-level output voltage, I2C
VDD > 2 V, IOL = 3 mA
0
0.4
V
pins(3)
Low-level output voltage,
IO = IOL
0.2 * VDDA_ANA
V
GPAIN[3:0] pins
DVDD = 3.3 V
162
mV
VHYS
Input hysteresis(4)
DVDD = 2.5 V
141
mV
DVDD = 1.8 V
122
mV
VLDO
ANA_LDOO voltage
1.24
1.3
1.43
V
ISD
ANA_LDO shutdown current(5)
ANA_LDOI = VMIN
3
mA
Input only pin, internal pulldown or pullup disabled
-5
+5
µA
Input current [DC] (except
DVDD = 3.3 V with internal pullup enabled
(7)
-59 to -161
µA
IILPU
(6)
WAKEUP, I2C, and GPAIN[3:0]
DVDD = 2.5 V with internal pullup enabled
(7)
-31 to -93
µA
pins)
DVDD = 1.8 V with internal pullup enabled
(7)
-14 to -44
µA
Input only pin, internal pulldown or pullup disabled
-5
+5
µA
Input current [DC] (except
DVDD = 3.3 V with internal pulldown enabled
(7)
52 to 158
µA
IIHPD
(6)
WAKEUP, I2C, and GPAIN[3:0]
DVDD = 2.5 V with internal pulldown enabled
(7)
27 to 83
µA
pins
DVDD = 1.8 V with internal pulldown enabled
(7)
11 to 35
µA
IIH/
VI = VSS to DVDD with internal pullups and pulldowns
Input current [DC], ALL pins
-5
+5
µA
IIL
disabled.
All Pins (except USB, EMIF, CLKOUT, and
-4
mA
GPAIN[3:0] pins)
DVDD = 3.3 V
-6
mA
EMIF pins
DVDD = 1.8 V
-5
mA
DVDD = 3.3 V
-6
mA
IOH
High-level output current [DC]
CLKOUT pin
DVDD = 1.8 V
-4
mA
DVDD = VDDA_ANA = 1.3 V,
-4
mA
GPAIN[3:1] pins
External Regulator(8)
(GPAIN0 is open-drain
DVDD = VDDA_ANA = 1.3 V,
and cannot drive high)
-100
µA
Internal Regulator(8)
(1)
For test conditions shown as MIN, MAX, or TYP, use the appropriate value specified in the recommended operating conditions table.
(2)
The USB I/Os adhere to the Universal Bus Specification Revision 2.0 (USB2.0 spec).
(3)
VDD is the voltage to which the I2C bus pullup resistors are connected.
(4)
Applies to all input pins except WAKEUP, I2C pins, GPAIN[3:0], RTC_XI, and USB_MXI.
(5)
ISD is the amount of current the LDO is ensured to deliver before shutting down to protect itself.
(6)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(7)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(8)
When the ANA_LDO supplies VDDA_ANA, it is not recommended to use the GPAIN[3:1] signals for general-purpose outputs (driving high).
The ISD parameter of the ANA_LDO is too low to drive any realistic load on the GPAIN[3:1] pins while also supplying the PLL through
VDDA_PLL and the SAR through VDDA_ANA.
Submit Documentation Feedback
Device Operating Conditions
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com