Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5505 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5505
Description  Fixed-Point Digital Signal Processor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5505 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5505 Datasheet HTML 49Page - Texas Instruments TMS320VC5505 Datasheet HTML 50Page - Texas Instruments TMS320VC5505 Datasheet HTML 51Page - Texas Instruments TMS320VC5505 Datasheet HTML 52Page - Texas Instruments TMS320VC5505 Datasheet HTML 53Page - Texas Instruments TMS320VC5505 Datasheet HTML 54Page - Texas Instruments TMS320VC5505 Datasheet HTML 55Page - Texas Instruments TMS320VC5505 Datasheet HTML 56Page - Texas Instruments TMS320VC5505 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 141 page
background image
TMS320VC5505
Fixed-Point Digital Signal Processor
www.ti.com
SPRS503A – JUNE 2009 – REVISED JULY 2009
Additionally, the EBSR controls the function of the upper bits of the EMIF address bus. Pins EM_A[20:15]
can be individually configured as GPIO pins through the Axx_MODE bits. When Axx_MODE = 1, the
EM_A[xx] pin functions as a GPIO pin. When Axx_MODE = 0, the EM_A[xx] pin retains its EMIF
functionality.
Before modifying the values of the external bus selection register, you must clock gate all affected
peripherals through the Peripheral Clock Gating Control Register . After the external bus selection register
has been modified, you must reset the peripherals before using them through the Peripheral Software
Reset Counter Register.
After the boot process is complete, the external bus selection register must be modified only once, during
device configuration. Continuously switching the EBSR configuration is not supported.
15
14
12
11
10
9
8
Reserved
PPMODE
SP1MODE
SP0MODE
R-0
R/W-000
R/W-00
R/W-00
7
6
5
4
3
2
1
0
Reserved
Reserved
A20_MODE
A19_MODE
A18_MODE
A17_MODE
A16_MODE
A15_MODE
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-2. External Bus Selection Register (EBSR) [1C00h]
Table 4-3. EBSR Register Bit Descriptions
BIT
NAME
DESCRIPTION
15
RESERVED
Reserved. Read-only, writes have no effect.
Parallel Port Mode Control Bits. These bits control the pin multiplexing of the LCD Controller, SPI,
UART, I2S2, I2S3, and GP[31:27, 20:18] pins on the parallel port. For more details, see Table 4-4,
LCD Controller, SPI, UART, I2S2, I2S3, and GP[31:27, 20:18] Pin Multiplexing.
000 = Mode 0 (16-bit LCD Controller). All 21 signals of the LCD Bridge module are routed to the 21
external signals of the parallel port.
001 = Mode 1 (SPI, GPIO, UART, and I2S2). 7 signals of the SPI module, 6 GPIO signals, 4
signals of the UART module and 4 signals of the I2S2 module are routed to the 21 external signals
of the parallel port.
010 = Mode 2 (8-bit LCD Controller and GPIO). 8-bits of pixel data of the LCD Controller module
and 8 GPIO are routed to the 21 external signals of the parallel port.
011 = Mode 3 (8-bit LCD Controller, SPI, and I2S3). 8-bits of pixel data of the LCD Controller
14:12
PPMODE
module, 4 signals of the SPI module, and 4 signals of the I2S3 module are routed to the 21 external
signals of the parallel port.
100 = Mode 4 (8-bit LCD Controller, I2S2, and UART). 8-bits of pixel data of the LCD Controller
module, 4 siignals of the I2S2 module, and 4 signals of the UART module are routed to the 21
external signals of the parallel port.
101 = Mode 5 (8-bit LCD Controller, SPI, and UART). 8-bits of pixel data of the LCD Controller
module, 4 signals of the SPI module, and 4 signals of the UART module are routed to the 21
external signals of the parallel port.
110 = Mode 6 (SPI, I2S2, I2S3, and GPIO). 7 signals of the SPI module, 4 signals of the I2S2
module, 4 signals of the I2S3 module, and 6 GPIO are routed to the 21 external signals of the
parallel port.
111 = Reserved.
Serial Port 1 Mode Control Bits. The bits control the pin multiplexing of the MMC1, I2S1, and GPIO
pins on serial port 1. For more details, see Table 4-5, MMC1, I2S1, and GP[11:6] Pin Multiplexing.
00 = Mode 0 (MMC/SD1). All 6 signals of the MMC/SD1 module are routed to the 6 external signals
of the serial port 1.
11:10
SP1MODE
01 = Mode 1 (I2S1 and GP[11:10]). 4 signals of the I2S1 module and 2 GP[11:10] signals are
routed to the 6 external signals of the serial port 1.
10 = Mode 2 (GP[11:6]). 6 GPIO signals (GP[11:6]) are routed to the 6 external signals of the serial
port 1.
11 = Reserved.
Submit Documentation Feedback
Device Configuration
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com