Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 44 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
ADT7462
http://onsemi.com
44
When the temperature falls below the operating
temperature, TMIN stays the same. Even when the
temperature starts to increase slowly, TMIN stays the same,
because the temperature increases at a rate of
≤0.25°C per
cycle.
Figure 71. Effect of Exceeding Operating Point Minus
Hysteresis Temperature
TMIN
OPERATING POINT
HIGH TEMP LIMIT
LOW TEMP LIMIT
HYSTERESIS
DECREASE HERE DUE TO
SHORT CYCLE ONLY
T1(n) – T1 (n – 1) ≤ 0.255C
OR 0.755C = > TMIN
DECREASES BY 15C
EVERY SHORT CYCLE
DECREASE HERE DUE TO
LONG CYCLE ONLY
T1(n) – T1 (n – 1) ≤ 0.255C
AND T1(n) > OP = > TMIN
DECREASES BY 15C
EVERY LONG CYCLE
NO CHANGE IN TMIN HERE
DUE TO ANY CYCLE BECAUSE
T1(n) – T1 (n – 1) ≤ 0.255C
AND T1(n) < OP = > TMIN
STAYS THE SAME
ACTUAL
TEMP
THERM LIMIT
Example 3: Temperature Below Low Limit, TMIN Increased
When the temperature drops below the low temperature
limit, TMIN may increase, as shown in Figure 72. Increasing
TMIN has the effect of running the fan more slowly and,
therefore, more quietly. The long cycle diagram in Figure 69
shows the conditions that need to be true for TMIN to
increase. The following is a quick summary of those
conditions and the reasons they need to be true:
TMIN may increase, if
The measured temperature has fallen below the low
temperature limit. This means the user must choose the
low limit carefully. It should not be so low that the
temperature never falls below it, because TMIN would
never increase and the fans would run faster than
necessary.
TMIN is below the high temperature limit. TMIN is
never allowed to increase above the high temperature
limit. As a result, the high limit should be sensibly
chosen, because it determines how high TMIN can go.
TMIN is below the operating point temperature. TMIN
should never be allowed to increase above the operating
point temperature, because the fans do not switch on
until the temperature rises above the operating point.
The temperature is above TMIN. The dynamic TMIN
control is turned off below TMIN.
Figure 72 shows how TMIN increases when the current
temperature is above TMIN and below the low temperature
limit, and TMIN is below the high temperature limit and
below the operating point. When the temperature rises above
the low temperature limit, TMIN stays the same.
Figure 72. Increasing TMIN for Quieter Operation
TMIN
OPERATING POINT
HIGH TEMP LIMIT
LOW TEMP
LIMIT
ACTUAL
TEMP
HYSTERESIS
THERM LIMIT
Example 4: Preventing TMIN from Reaching Full Scale
Because TMIN is dynamically adjusted, it is undesirable
for TMIN to reach full scale (191°C), because the fan would
never switch on. As a result, TMIN is allowed to vary only
within a specified range.
The lowest possible value for TMIN is −64°C.
TMIN cannot exceed the high temperature limit.
If the temperature is below TMIN, the fan is switched
off or is running at minimum speed, and dynamic TMIN
control is disabled.
Figure 73. TMIN Adjustments Limited by High
Temperature Limit
TMIN PREVENTED
FROM INCREASING
ACTUAL
TEMP
HYSTERESIS
TMIN
OPERATING POINT
HIGH TEMP LIMIT
LOW TEMP
LIMIT
THERM LIMIT
Enabling Dynamic TMIN Control Mode
Bits [1:0] of Dynamic TMIN Control Register 1 (0x0B)
enable/disable dynamic TMIN control on the temperature
channels (see Table 39).
Dynamic TMIN Control Register 1 (0x0B)
Bit 1 (Remote 2 En) = 1 enables dynamic TMIN control on
the Remote 2 temperature channel. The chosen TMIN value
is dynamically adjusted based on the current temperature,
operating point, and high and low limits for this zone.
Bit 1 (Remote 2 En) = 0 disables dynamic TMIN control.
The TMIN value chosen is not adjusted and the channel
behaves as described in the Automatic Fan Control
Overview section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com