Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
ADT7462
http://onsemi.com
16
• If the address pointer register is known to be already at
the desired address, data can be read from the
corresponding data register without first writing to the
address pointer register (see Figure 26).
It is possible to read a data byte from a data register
without first writing to the address pointer register, if the
address pointer register is already at the correct value.
However, it is not possible to write data to a register
without writing to the address pointer register, because the
first data byte of a write is always written to the address
pointer register.
In addition to supporting the send byte and receive byte
protocols, the ADT7462 also supports the read byte protocol
(see System Management Bus Specifications Rev. 2.0 for
more information).
If several read or write operations must be performed in
succession, then the master can send a repeat start condition,
instead of a stop condition, to begin a new operation.
Figure 24. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
A3
SCL
SDA
START BY
MASTER
ACK. BY
ADT7462
ACK. BY
ADT7462
ACK. BY
ADT7462
STOP BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
19
19
9
1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 3 DATA BYTE
Figure 25. Writing to the Address Pointer Register Only
Figure 26. Reading Data from a Previously Selected Register
A3
SCL
SDA
START BY
MASTER
ACK. BY
ADT7462
ACK. BY
ADT7462
STOP BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
19
9
1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A2
A1
A0
A3
SCL
SDA
START BY
MASTER
ACK. BY
ADT7462
NO ACK.
BY MASTER
STOP BY
MASTER
FRAME 2
DATA BYTE FROM ADT7462
FRAME 1
SERIAL BUS ADDRESS BYTE
19
9
1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
A6
A5
A4
A2
A1
A0
Write Operations
The SMBus specification defines several protocols for
different types of read and write operations. The ones used
in the ADT7462 are discussed below. The following
abbreviations are used in the diagrams:
• S ⎯ Start
• P ⎯ Stop
• R ⎯ Read
• W ⎯ Write
• A ⎯ Acknowledge
• A ⎯ No Acknowledge
The ADT7462 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single
command byte to a slave device as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7−bit slave address followed
by the write bit (low).
3. The addressed slave device asserts an ACK on SDA.
4. The master sends a command code.
5. The slave asserts an ACK on SDA.
6. The master asserts a stop condition on SDA to end
the transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com