Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 49 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
ADT7462
http://onsemi.com
49
The freewheeling test procedure is as follows:
1. PWM1 and PWM2 go to full speed, and PWM3
and PWM4 are switched off.
2. After the spin−up time of PWM1 and PWM2 has
elapsed, the speed of Fan 1, Fan 2, Fan 3, and
Fan 4 is measured.
3. After the speed of Fan 1 and Fan 2 is measured,
PWM1 is switched off and PWM3 is spun up.
After the spin−up time for PWM3 has elapsed, the
speed of Fan 5 and Fan 6 is measured.
4. After the speed of Fan 3 and Fan 4 is measured,
PWM2 is switched off and PWM4 is switched on.
After the spin−up time of PWM4 has elapsed, the
speed of Fan 7 and Fan 8 is measured.
5. After the speed of all eight fans has been
measured, the TACH and PWM configurations
return to their previous values.
• Fans must be in continuous mode for the
freewheeling test; that is, the dc bits must be set
(Register 0x08).
• To enable the freewheeling test, set the
freewheeling test enable register (0x1E) to a
nonzero value. Set Bit 0 = 1 to enable the
freewheeling test for Fan 1, and set Bit 1 for Fan 2,
all the way to Bit 7 for Fan 8. The freewheeling
test enable register should be programmed after the
fans present register is programmed. If the fans
present register is not programmed first, then the
values in the two registers do not match, and the
ADT7462 assumes that a fan is missing.
The following registers must be programmed for the fan
freewheeling test:
Fans Present Register (0x1D)
Set Bit 0 to 1 when a fan is connected to TACH1.
Set Bit 1 to 1 when a fan is connected to TACH2.
Set Bit 2 to 1 when a fan is connected to TACH3.
Set Bit 3 to 1 when a fan is connected to TACH4.
Set Bit 4 to 1 when a fan is connected to TACH5.
Set Bit 5 to 1 when a fan is connected to TACH6.
Set Bit 6 to 1 when a fan is connected to TACH7.
Set Bit 7 to 1 when a fan is connected to TACH8.
Fan Freewheeling Test Enable Register (0x1E)
Set Bit 0 to 1 to enable the freewheeling test for Fan 1.
Set Bit 1 to 1 to enable the freewheeling test for Fan 2.
Set Bit 2 to 1 to enable the freewheeling test for Fan 3.
Set Bit 3 to 1 to enable the freewheeling test for Fan 4.
Set Bit 4 to 1 to enable the freewheeling test for Fan 5.
Set Bit 5 to 1 to enable the freewheeling test for Fan 6.
Set Bit 6 to 1 to enable the freewheeling test for Fan 7.
Set Bit 7 to 1 to enable the freewheeling test for Fan 8.
Fan Freewheeling Test Register (0x1C)
Both the Fans Present register (0x1D) and the
freewheeling test enable register (0x1E) should be
programmed before setting the relevant bits in the fan
freewheeling test register (0x1C). The host fan status
register (0xBD) should be read directly after completion of
the test.
THERM I/O Operation
This section describes the operation of THERM1 and
THERM2. Pin 28 and Pin 29 can both be configured as
THERM inputs or outputs.
THERM Output
THERM
is not enabled as an output by default on powerup,
but it can be enabled by setting the appropriate bits in
Register 0x0E (THERM1 configuration register) and
Register 0x0F (THERM2 configuration register). THERM1
and THERM2 can be configured to assert whenever a
specific channel exceeds the specified THERM limit (see
Table 30).
Table 26. THERM Output Channel Select and Limits
Channel
Enable
Configuration
Limit Registers
THERM1,
Register
0x0E
THERM2,
Register
0x0F
THERM1
THERM2
Local
Bit 1 = 1
Bit 1 = 1
0x4C
0x50
Remote 1
Bit 2 = 1
Bit 2 = 1
0x4D
0x51
Remote 2
Bit 3 = 1
Bit 3 = 1
0x4E
0x52
Remote 3
Bit 4 = 1
Bit 4 = 1
0x4F
0x53
As an output, THERM is asserted low to signal that the
measured THERM temperature has exceeded pre−
programmed THERM temperature limits. The output is
automatically pulled high again when the temperature falls
below the (THERM − Hysteresis) limit. The value of
hysteresis for each channel is programmable in Register
0x54 and Register 0x55, where 1 LSB = 1
°C, and the
maximum hysteresis for each channel is 15
°C.
Setting the THERM boost bits, Bit 0 and Bit 1, to Logic 0
(default setting) in the THERM configuration register
(0x0D), sets the fans to full speed on an internal THERM
event.
THERM Input
To
configure
THERM
as
an
input,
the
THERM1_Timer_Enable (T1TE) bit (Bit 0) in the
THERM1 configuration register (0x0E) and the
THERM2_Timer_Enable (T2TE) bit (Bit 0) in the
THERM2 configuration register (0x0F) must be set to
Logic 1. The ADT7462 can then be used to detect when the
THERM pins are asserted low. The THERM pins can be
connected to a trip point temperature sensor or to the
PROCHOT output of a CPU.
With processor core voltages reducing all the time, the
threshold for the AGTL + PROCHOT output is also reduced
as new processors become available.
Because the THERM input is typically an AGTL + input,
the thresholds can be referenced to VCCP. By setting Bit 4 of
Configuration Register 3 (0x03) to 1, the THERM threshold
is 2/3
× VCCP, the correct threshold for an AGTL + signal.
The THERM assert bits in Host Thermal Status Register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com