Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 40 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
ADT7462
http://onsemi.com
40
Figure 63. How TTHERM Relates to Automatic Fan
Control
TMIN
0%
100%
TTHERM
TRANGE
HYSTERESIS
Step 7—THYST for Temperature Channels
THYST is the amount of extra cooling a fan provides after
the temperature measured has dropped back below TMIN
before the fan turns off. The premise for temperature
hysteresis (THYST) is that without it, the fan would merely
chatter or cycle on and off regularly whenever the
temperature hovers near the TMIN setting.
The THYST value chosen determines the amount of time
needed for the system to cool down or heat up as the fan is
turning on and off. Values of hysteresis are programmable in
the range of 1
°C to 15°C. Larger values of THYST prevent the
fans from chattering on and off. The THYST default value is
set at 4
°C.
Hysteresis Register
Register 0x60, Bits [3:0] Local HYS
Register 0x61, Bits [3:0] Remote 1 HYS
Register 0x62, Bits [3:0] Remote 2 HYS
Register 0x63, Bits [3:0] Remote 3 HYS
In some applications, it is required that fans not turn off
below TMIN but remain running at PWMMIN. Bits [1:0] of
the PWM1, PWM2 Frequency Register (0x25) and the
PWM3, PWM4 Frequency Register (0x26) allow the fans to
be turned off or to be kept spinning below TMIN. If the fans
are always on, the THYST value has no effect on the fan when
the temperature drops below TMIN.
Figure 64. THYST Value Applies to Fan On/Off
Hysteresis
TMIN
0%
100%
TRANGE
TTHERM
THYST
Dynamic TMIN Control Mode
In addition to the automatic fan speed control mode
described in the Automatic Fan Control Overview section,
the ADT7462 has a mode that extends the basic automatic
fan speed control loop. Dynamic TMIN control allows the
ADT7462 to intelligently adapt the system’s cooling
solution for best system performance or lowest possible
system acoustics, depending on user or design requirements.
Use of dynamic TMIN control alleviates the need to design
for worst−case conditions and significantly reduces system
design and validation time.
Designing for Worst−Case Conditions
System design must always allow for worst−case
conditions. In PC design, the worst−case conditions include,
but are not limited to, the following:
Worst−Case Altitude
A computer can be operated at different altitudes.
Altitude affects the relative air density, which alters the
effectiveness of the fan cooling solution. For example,
when comparing 40
°C air temperature at 10,000 feet to
20
°C air temperature at sea level, relative air density is
increased by 40%. This means that the fan can spin
40% slower and make less noise at sea level than at
10,000 feet while keeping the system at the same
temperature at both locations.
Worst−Case Fan
Due to manufacturing tolerances, fan speeds in rpm are
normally quoted with a tolerance of
±20%. The
designer must assume that the fan rpm can be 20%
below tolerance. This translates to reduced system
airflow and elevated system temperature. Note that fans
20% out of tolerance can negatively impact system
acoustics because they run faster and generate more
noise.
Worst−Case Chassis Airflow
The same motherboard can be used in a number of
different chassis configurations. The design of the
chassis and the physical location of fans and
components determine the system’s thermal
characteristics. Moreover, for a given chassis, the
addition of add−in cards, cables, or other system
configuration options can alter the system airflow and
reduce the effectiveness of the system cooling solution.
The cooling solution can also be inadvertently altered
by the end user. (For example, placing a computer
against a wall can block the air ducts and reduce system
airflow.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com