| Electronic Components Datasheet Search |
|
ADT7462ACPZ-R7 Datasheet(PDF) 79 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADT7462ACPZ-R7 Datasheet(HTML) 79 Page - ON Semiconductor |
|
79 / 81 page ![]() ADT7462 http://onsemi.com 79 Table 97. Register 0xBC — Host Voltage Status Register 2 (Note 1); Register 0xC4 — BMC Voltage Status Register 2 (Note 1) Bit Name R/W Description [2:0] Reserved R Reserved for future use. 3 Pin 24 Voltage R A 1 indicates that a Pin 24 voltage limit has been tripped. 4 Pin 25 Voltage R A 1 indicates that a Pin 25 voltage limit has been tripped. 5 Pin 26 Voltage R A 1 indicates that a Pin 26 voltage limit has been tripped. 6 +1.5V2 (3GIO) R A 1 indicates that a +1.5V2 (3GIO) voltage limit has been tripped. 7 +1.5V1 (ICH) R A 1 indicates that a +1.5V1 (ICH) voltage limit has been tripped. 1. POR = 0x00, Lock = N, SW Reset = Y. Table 98. Register 0xBD — Host Fan Status Register (Note 1); Register 0xC5 — BMC Fan Status Register (Note 1) Bit Name R/W Description 0 Fan 1 Fault R A 1 indicates a Fan 1 fault. 1 Fan 2 Fault R A 1 indicates a Fan 2 fault. 2 Fan 3 Fault R A 1 indicates a Fan 3 fault. 3 Fan 4 Fault R A 1 indicates a Fan 4 fault. 4 Fan 5 Fault R A 1 indicates a Fan 5 fault. 5 Fan 6 Fault R A 1 indicates a Fan 6 fault. 6 Fan 7 Fault R A 1 indicates a Fan 7 fault. 7 Fan 8 Fault R A 1 indicates a Fan 8 fault. 1. POR = 0x00, Lock = N, SW Reset = Y. Table 99. Register 0xBE — Host Digital Status Register (Note 1); Register 0xC6 — BMC Digital Status Register (Note 1) Bit Name R/W Description [2:0] Reserved R Reserved for future use. 3 FAN2MAX R A 1 indicates that the FAN2MAX has been asserted as an input. 4 SCSI1 R A 1 indicates that the SCSI_TERM1 digital input has been asserted. 5 SCSI2 R A 1 indicates that the SCSI_TERM2 digital input has been asserted. 6 VID Comparison R A 1 indicates a VID comparison fault. 7 Chassis Intrusion R A 1 indicates that the chassis intrusion digital input has been asserted. 1. POR = 0x00, Lock = N, SW Reset = Y. Table 100. Register 0xBF — Host GPIO Status Register (Note 1) Bit Name R/W Description 0 GPIO1 R/W A 1 indicates that GPIO1 is asserted. 1 GPIO2 R/W A 1 indicates that GPIO2 is asserted. 2 GPIO3 R/W A 1 indicates that GPIO3 is asserted. 3 GPIO4 R/W A 1 indicates that GPIO4 is asserted. 4 GPIO5 R/W A 1 indicates that GPIO5 is asserted. 5 GPIO6 R/W A 1 indicates that GPIO6 is asserted. 6 GPIO7 R/W A 1 indicates that GPIO7 is asserted. 7 GPIO8 R/W A 1 indicates that GPIO8 is asserted. 1. POR = 0x00, Lock = N, SW Reset = Y. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |