Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 52 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 52 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
ADT7462
http://onsemi.com
52
Bit 4 (VRD2) of Configuration Register 2 (0x02). There is
also an associated mask bit in Register 0x31 to mask the
assertion of these inputs from the ALERT output.
SCSI_TERM Inputs
Pin 16 and Pin 20 can be configured as SCSI_TERM
inputs. An assertion on the SCSI_TERM is recorded in Bit 4
and Bit 5 of Host Digital Status Register (0xBE) or BMC
Digital Status Register (0xC6). There is also an associated
mask bit in Register 0x35 to mask the assertion of these
inputs from the ALERT output.
Reset I/O
The ADT7462 includes an active low reset pin (Pin 14).
The RESET pin can be both a reset input and output. RESET
monitors the VCC input to the ADT7462. At powerup,
RESET is asserted (pulled low) until 180 ms after the power
supply has risen above the supply threshold. A power−on
reset initializes all registers to the default values.
Figure 85. Operation of RESET Output on Powerup
1.0 V
180 ms
VCC
RESET
The RESET pin can also function as a reset input. Pulling
this pin low externally resets the ADT7462. The user should
wait at least 180 ms after powerup before doing a hardware
reset. The reset pulse width should be greater than 0.8 ms to
ensure that a reset is registered.
A hardware reset differs from a power−on reset in that not
all of the registers are reinitialized to the default values. For
example, limit registers are not all restored to the default
values. This can be useful if the user needs to reset the part
but does not want to completely reprogram the device. The
Register Map section show, which registers, are reset.
Locked registers are not restored to default values by a
hardware reset.
Note that if two ADT7462 devices are used in one system,
the RESET pins should not be connected together between
devices. Doing so causes one device to reset the other on a
power−on reset.
Software Reset
The ADT7462 can be reset in software by setting Bit 7 of
Configuration Register 0 (0x00). The code 0x6D must be
written to Register 0x7B before setting the software reset bit.
This register is cleared to the power−on default after the
software reset.
Note that not all registers are restored to their default
values on a reset. The same registers are reset by a hardware
and software reset. The Register Map section provides a
complete reference of registers that are reset.
Chassis Intrusion Input
The chassis intrusion (CI) input is an active high input
intended for detection and signaling of unauthorized
tampering with the system. When this input goes high, the
event is latched in Bit 7 of Host Digital Status Register
(0xBE), and an interrupt is generated. The bit remains set
until cleared by writing a 1 to CI reset (CI_R), Bit 5 of
Configuration Register 3 (0x03). The CI reset bit is cleared
by writing a 0 to it.
The CI circuit is powered from the VBATT voltage
channel. Pin 26 must be configured to monitor VBATT and
a battery must be connected to monitor CI events. CI
monitoring is disabled if the measured VBATT value (0x93)
is less than the lower voltage limit (0x75) of Pin 26.
The CI input detects chassis intrusion events even when
the ADT7462 is powered off (provided battery voltage is
applied to VBATT) but does not immediately generate an
interrupt. When a chassis intrusion event is detected and
latched, an interrupt is generated when the system is
powered on.
The actual detection of chassis intrusion is performed by
an external circuit that detects, for example, when the cover
has been removed. A wide variety of techniques can be used
for chassis detection. For example,
A microswitch that opens or closes when the cover is
removed
A reed switch operated by a magnet affixed to the cover
A hall−effect switch operated by a magnet affixed to
the cover
A photo−transistor that detects light when the cover is
removed
Powerup Sequence
The powerup sequence of the ADT7462 is as follows:
1. The temperature of the thermal diode connected to
Pin 17 and Pin 18 (only dedicated thermal diode
channel) is monitored immediately on powerup of
the ADT7462. Ideally, the hottest zone should be
connected to this channel so protection is provided
immediately on powerup.
2. VCCP1 is also monitored immediately on powerup.
VCCP1 is typically connected to a main power rail.
Switching on the VCCP1 rail gates the fan’s quiet
startup counter.
3. VBATT is monitored immediately on powerup
before the setup complete bit (Register 0x01,
Bit 5) is set. The chassis intrusion circuit (CI) is
powered from VBATT. If the measured VBATT
reading is lower than the lower limit (default =
0x80), the CI circuit is turned off.
4. PWM1, PWM2, and PWM4 are not on dedicated
pins. Because these pins are shared with inputs,
they are allowed to float high on powerup. This
means that if a fan is connected to these pins, it
spins at full speed on powerup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com