Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
ADT7462
http://onsemi.com
12
Configuration Option 3
Configuration Option 3 is used to monitor all the voltages
in the system for Processor 1 and Processor 2. Additional
pins can be configured for fan control, VIDs, or GPIOs, as
required. Features of Configuration Option 3 include the
following:
Up to 13 different voltages monitored
Three +12V
+5V
+3.3V
+2.5V
+1.8V
Two +1.5V
Two +1.2V (VCCP1, VCCP2)
0.9V
VBATT
One local and one remote temperature channels
Up to three PWM drives and up to four TACH inputs
RESET I/O
Figure 21 shows the pin configuration when Configuration
Option 3 is chosen.
Figure 21. Configuration Option 3
PIN 1
INDICATOR
1
TACH1
2
TACH2
3
TACH3
4
TACH4
5
VCC
6
GND
7
+12V1
8
+12V2
24
VCCP2
23
VCCP1
22
+12V3
21
+5V
20
SCSI_TERM2
19
+0.9V
18
D2–
17
D2+
ADT7462
TOP VIEW
(Not to Scale)
Table 4. Configuration Option 3
Pin
Function
Configuration Register
Bit Value
1
TACH1
Pin Configuration Reg 1
Bit 4 = 1
2
TACH2
Pin Configuration Reg 1
Bit 3 = 1
3
TACH3
Pin Configuration Reg 1
Bit 2 = 1
4
TACH4
Pin Configuration Reg 1
Bit 1 = 1
7
+12V1
Pin Configuration Reg 1
Bit 0 = 0
8
+12V2
Pin Configuration Reg 2
Bit 7 = 0
13
+3.3V
Pin Configuration Reg 2
Bit 6 = 0
15
+1.8V
Pin Configuration Reg 1
Bit 6 = 0
16
SCSI_
TERM1
Pin Configuration Reg 1
Bit 6 = 0
19
+0.9V
Pin Configuration Reg 1
Bit 5 = 0
20
SCSI_
TERM2
Pin Configuration Reg 1
Bit 5 = 0
21
+5V
Pin Configuration Reg 2
Bit 3 = 0
22
+12V3
Pin Configuration Reg 2
Bit 2 = 0
23
VCCP1
Pin Configuration Reg 2
Bits [1:0] = 00
24
VCCP2
Pin Configuration Reg 3
Bits [7:6] = 00
25
+1.2V
Pin Configuration Reg 3
Bits [5:4] = 01
26
VBATT
Pin Configuration Reg 3
Bits [3:2] = 00
27
CI
Pin Configuration Reg 3
Bit 1 = 1
28
+1.5V/
GPIO7
Pin Configuration Reg 4
Bits [7:6] = 01
29
+1.5V/
GPIO8
Pin Configuration Reg 4
Bits [5:4] = 01
31
PWM1
Pin Configuration Reg 4
Bit 3 = 1
32
PWM2
Pin Configuration Reg 4
Bit 2 = 1
†If VIDs are selected, these pins are configured as VIDs. To
enable VIDs, set Bit 7 of Pin Configuration Register 1 (0x10) = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com