Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7462ACPZ-R7 Datasheet(PDF) 30 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 30 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
ADT7462
http://onsemi.com
30
The PWM output is pulse stretched until a valid TACH is
read on both TACH inputs synchronized to the particular
PWM output. If one fan is connected to one PWM output,
the PWM output is pulse stretched until the counter has
timed out on the disconnected TACH input. In this case, the
pulse is stretching longer than necessary in an effort to sense
a disconnected fan. The speed of the connected fan may be
increased and an audible change in fan speed may be
observed. There are two options to prevent the PWM output
from being stretched longer than necessary in this case.
Connect the two synchronized TACH inputs together;
for example, if PWM1 is driving a single fan being
sensed on TACH1 only, connect TACH1 and TACH2
together.
Turn off pulse stretching on the unused TACH input;
that is, if PWM1 is driving a single fan being sensed on
TACH1 only, turn off pulse stretching on TACH 2 in
Register 0x08. In this register:
Bit 0 controls pulse stretching on TACH1 and TACH5.
Bit 1 controls pulse stretching on TACH2 and TACH6.
Bit 2 controls pulse stretching on TACH3 and TACH7.
Bit 3 controls pulse stretching on TACH4 and TACH8.
Note that the TACH assignments in this register differ from
the TACHs synchronized to each PWM output. Therefore,
if the intention is to drive and sense four fans, connecting the
TACHs together as described in Option 1 allows pulse
stretching on all channels.
To enable fan speed measurements four times a second,
set the FAST bit (Bit 0) of Configuration Register 2 (0x02).
When the FAST bit is set, fan TACH readings are updated
every 250 ms.
Fan Speed Measurement Registers
Fan speed measurement involves a 2−register read for
each measurement. The low byte should be read first. This
causes the high byte to be frozen until both high and low byte
registers have been read, preventing erroneous TACH
readings. The fan tachometer reading registers report back
the number of 11.11
ms period clocks (90 kHz oscillator)
gated to the fan speed counter, from the rising edge of the
first fan TACH pulse to the rising edge of the third fan TACH
pulse (because two pulses per revolution are being counted).
Because the device is essentially measuring the fan TACH
period, the higher the count value, the slower the fan is
actually running. A 16−bit fan tachometer reading of
0xFFFF indicates either that the fan has stalled or is running
very slowly (<100 rpm).
The actual fan TACH period is being measured; therefore,
an ALERT is generated if the reading falls below a fan
TACH limit. This ALERT sets the appropriate status bit and
can be used to generate an SMBALERT. The TACH limit is
an 8−bit value that is compared with the TACH high byte of
the TACH reading.
Table 21. Tachometer Value and Limit Registers
TACH
Low Byte
Value Register
High Byte
Value Register
8−Bit Limit
Register
TACH1
0x98
0x99
0x78
TACH2
0x9A
0x9B
0x79
TACH3
0x9C
0x9D
0x7A
TACH4
0x9E
0x9F
0x7B
TACH5
0xA2
0xA3
0x7C
TACH6
0xA4
0xA5
0x7D
TACH7
0xA6
0xA7
0x7E
TACH8
0xA8
0xA9
0x7F
Calculating Fan Speed
Assuming a fan with two pulses per revolution (and two
pulses per revolution being measured), fan speed is
calculated by:
Fan Speed(RPM) + (freq
60) Fan Tachometer Reading
(eq. 1)
where:
Fan Tachometer Reading is the 16−bit fan
tachometer reading. freq is the oscillator
frequency, 90 kHz.
Example:
TACH1 high byte (Register 0x99) = 0x17
TACH1 low byte (Register 0x98) = 0xFF
What is the speed of Fan 1 in rpm?
Fan 1 Tachometer Reading + 0
17FF + 6143 Decimal
(eq. 2)
RPM + (freq
60) Fan 1 Tachometer Reading
(eq. 3)
Fan Speed + 879 RPM
(eq. 4)
RPM + (90000
60) 6143
(eq. 5)
If the fan is a 6−pole fan, the count value is representative
of 2/3 of a revolution. Therefore, the result of Equation 5
should be divided by 1.5. Similarly, if the fan used is an
8−pole fan, then the result should be divided by 2.
Fan Spin−Up
The ADT7462 has a unique fan spin−up function. It spins
the fan at 100% PWM duty cycle until two TACH pulses are
detected on the TACH input. Once two TACH pulses have
been detected, the PWM duty cycle goes to the expected
running value, for example, 33%. The advantage of this
process is that fans have different spin−up characteristics
and require different times to overcome inertia. The
ADT7462 runs the fans just fast enough to overcome inertia
and the fans are quieter on spin−up than fans programmed
to spin up for a given spin−up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com