Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 13Page - NXP Semiconductors UJA1076 Datasheet HTML 14Page - NXP Semiconductors UJA1076 Datasheet HTML 15Page - NXP Semiconductors UJA1076 Datasheet HTML 16Page - NXP Semiconductors UJA1076 Datasheet HTML 17Page - NXP Semiconductors UJA1076 Datasheet HTML 18Page - NXP Semiconductors UJA1076 Datasheet HTML 19Page - NXP Semiconductors UJA1076 Datasheet HTML 20Page - NXP Semiconductors UJA1076 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
17 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.5.1 RSTN pin
A system reset is triggered if the bidirectional RSTN pin is forced LOW for at least tfltr by
the microcontroller (external reset). A reset pulse is output on RSTN by the SBC when a
system reset is triggered internally.
The reset pulse width (tw(rst)) is selectable (short or long) if the system reset was
generated by a V1 undervoltage event (see Section 6.6.2) or by the SBC leaving Off
(VBAT > Vth(det)pon) or Overtemp (temperature < Tth(rel)otp) modes. A short reset pulse is
selected by connecting a 900
Ω ±10 % resistor between pins RSTN and V1. If a resistor is
not connected, the reset pulse will be long (see Table 11).
In all other cases (e.g. watchdog-related reset events) the reset pulse length will be short.
6.5.2 EN output
The EN pin can be used to control external hardware, such as power components, or as a
general-purpose output when the system is running properly.
In Normal and Standby modes, the microcontroller can set the EN control bit (bit ENC in
the Mode_Control register; see Table 5) via the SPI interface. Pin EN will be HIGH when
ENC = 1 and MC = 10 or 11. A reset event will cause pin EN to go LOW. EN pin behavior
is illustrated in Figure 5.
6.5.3 LIMP output
The LIMP pin can be used to enable the so called ‘limp home’ hardware in the event of an
ECU failure. Detectable failure conditions include SBC overtemperature events, loss of
watchdog service, RSTN or V1 clamped LOW and user-initiated or external reset events.
The LIMP pin is a battery-related, active-LOW, open-drain output.
A system reset will cause the limp home warning control bit (bit LHWC in the
Mode_Control register; see Table 5) to be set. If LHWC is already set when the system
reset is generated, bit LHC will be set which will force the LIMP pin LOW. The application
should clear LHWC after each reset event to ensure the LIMP output is not activated
during normal operation.
In Overtemp mode, bit LHC is always set and, consequently, the LIMP output is always
active. If the application manages to recover from the event that activated the LIMP
output, LHC can be cleared to deactivate the LIMP output.
Fig 5.
Behavior of EN pin
RSTN
EN
ENC
mode
STANDBY
NORMAL
STANDBY
015aaa074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com