| Electronic Components Datasheet Search |
|
UJA1076 Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1076 Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 47 page ![]() UJA1076_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 27 May 2010 7 of 47 NXP Semiconductors UJA1076 High-speed CAN core system basis chip 6.1 System Controller 6.1.1 Introduction The system controller manages register configuration and controls the internal functions of the SBC. Detailed device status information is collected and presented to the microcontroller. The system controller also provides the reset and interrupt signals. The system controller is a state machine. The SBC operating modes, and how transitions between modes are triggered, are illustrated in Figure 3. These modes are discussed in more detail in the following sections. 6.1.2 Off mode The SBC switches to Off mode from all other modes if the battery supply drops below the power-off detection threshold (Vth(det)poff). In Off mode, the voltage regulators are disabled and the bus systems are in a high-resistive state. The CAN bus pins are floating in this mode. As soon as the battery supply rises above the power-on detection threshold (Vth(det)pon), the SBC goes to Standby mode, and a system reset is executed (reset pulse width of tw(rst), long or short; see Section 6.5.1 and Table 11). 6.1.3 Standby mode The SBC will enter Standby mode: • From Off mode if VBAT rises above the power-on detection threshold (Vth(det)pon) • From Sleep mode on the occurrence of a CAN or local wake-up event • From Overtemp mode if the chip temperature drops below the overtemperature protection release threshold, Tth(rel)otp • From Normal mode if bit MC is set to 00 or a system reset is performed (see Section 6.5) In Standby mode, V1 is switched on. The CAN transceiver will either be in a low-power state (Lowpower mode; STBCC = 1; see Table 6) with bus wake-up detection enabled or completely switched off (Off mode; STBCC = 0) - see Section 6.7.1. The watchdog can be running in Timeout mode or Off mode, depending on the state of the WDOFF pin and the setting of the watchdog mode control bit (WMC) in the WD_and_Status register (Table 4). The SBC will exit Standby mode if: • Normal mode is selected by setting bits MC to 10 (V2 disabled) or 11 (V2 enabled) • Sleep mode is selected by setting bits MC to 01 • The chip temperature rises above the OTP activation threshold, Tth(act)otp, causing the SBC to enter Overtemp mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |