Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 19Page - NXP Semiconductors UJA1076 Datasheet HTML 20Page - NXP Semiconductors UJA1076 Datasheet HTML 21Page - NXP Semiconductors UJA1076 Datasheet HTML 22Page - NXP Semiconductors UJA1076 Datasheet HTML 23Page - NXP Semiconductors UJA1076 Datasheet HTML 24Page - NXP Semiconductors UJA1076 Datasheet HTML 25Page - NXP Semiconductors UJA1076 Datasheet HTML 26Page - NXP Semiconductors UJA1076 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
23 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
mode. If the SBC is in Sleep mode when the wake-up event occurs, it will wake up and
enter Standby mode. The status of the wake-up pins can be read via the wake-up level
status bits (WLS1 and WLS2) in the WD_and_Status register (Table 4).
Note that bits WLS1 and WLS2 are only active when at least one of the wake up interrupts
is enabled (WIC1
≠ 00 or WIC2 ≠ 00).
The sampling of the wake-up pins can be synchronized with the WBIAS signal by setting
bits WSE1 and WSE2 in the Int_Control register to 1 (if WSEx = 0, wake-up pins are
sampled continuously). The sampling will be performed on the rising edge of WBIAS (see
Figure 11). The sampling time, 16 ms or 64 ms, is selected via the Wake Bias Control bit
(WBC) in the Mode_Control register.
Figure 12 shows typical circuit for implementing cyclic sampling of the wake-up inputs.
Fig 11. Wake-up pin sampling synchronized with WBIAS signal
Fig 12. Typical application for cyclic sampling of wake-up signals
Wake-up int
WAKEx pin
WBIAS pin
WBIASI
(internal)
enable bias
disable bias
disable bias
wake level latched
015aaa078
UJA1076
WAKE1
WAKE2
BAT
WBIAS
015aaa122
47 k
Ω
47 k
Ω
PDTA144E
t
sample of
WAKEx
sample of
WAKEx
sample of
WAKEx
GND
biasing of
switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com