Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 11Page - NXP Semiconductors UJA1076 Datasheet HTML 12Page - NXP Semiconductors UJA1076 Datasheet HTML 13Page - NXP Semiconductors UJA1076 Datasheet HTML 14Page - NXP Semiconductors UJA1076 Datasheet HTML 15Page - NXP Semiconductors UJA1076 Datasheet HTML 16Page - NXP Semiconductors UJA1076 Datasheet HTML 17Page - NXP Semiconductors UJA1076 Datasheet HTML 18Page - NXP Semiconductors UJA1076 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
15 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.3 On-chip oscillator
The on-chip oscillator provides the timing reference for the on-chip watchdog and the
internal timers. The on-chip oscillator is supplied by an internal supply that is connected to
VBAT and is independent of V1/V2.
6.4 Watchdog (UJA1076/xx/WD versions)
Three watchdog modes are supported: Window, Timeout and Off. The watchdog period is
programmed via the NWP control bits in the WD_and_Status register (see Table 4). The
default watchdog period is 128 ms.
A watchdog trigger event is any write access to the WD_and_Status register. When the
watchdog is triggered, the watchdog timer is reset.
In watchdog Window mode, a watchdog trigger event within a closed watchdog window
(i.e. the first half of the window before ttrig(wd)1) will generate an SBC reset. If the watchdog
is triggered before the watchdog timer overflows in Timeout or Window mode, or within
the open watchdog window (after ttrig(wd)1 but before ttrig(wd)2), the timer restarts
immediately.
The following watchdog events result in an immediate system reset:
• the watchdog overflows in Window mode
• the watchdog is triggered in the first half of the watchdog period in Window mode
• the watchdog overflows in Timeout mode while a cyclic interrupt (CI) is pending
• the state of the WDOFF pin changes in Normal mode or Standby mode
• the watchdog mode control bit (WMC) changes state in Normal mode
After a watchdog reset (short reset; see Section 6.5.1 and Table 11), the default watchdog
period is selected (NWP = 100). The watchdog can be switched off completely by forcing
pin WDOFF HIGH. The watchdog can also be switched off by setting bit WMC to 1 in
Standby mode. If the watchdog was turned off by setting WMC, any pending interrupt will
re-enable it.
Note that the state of bit WMC cannot be changed in Standby mode if an interrupt is
pending. Any attempt to change WMC when an interrupt is pending will be ignored.
6.4.1 Watchdog Window behavior
The watchdog runs continuously in Window mode.
If the watchdog overflows, or is triggered in the first half of the watchdog period (less than
ttrig(wd)1 after the start of the watchdog period), a system reset will be performed.
Watchdog overflow occurs if the watchdog is not triggered within ttrig(wd)2 after the start of
watchdog period.
If the watchdog is triggered in the second half of the watchdog period (at least ttrig(wd)1, but
not more than ttrig(wd)2, after the start of the watchdog period), the watchdog will be reset.
The watchdog is in Window mode when pin WDOFF is LOW, the SBC is in Normal mode
and the watchdog mode control bit (WMC) is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com