Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 28Page - NXP Semiconductors UJA1076 Datasheet HTML 29Page - NXP Semiconductors UJA1076 Datasheet HTML 30Page - NXP Semiconductors UJA1076 Datasheet HTML 31Page - NXP Semiconductors UJA1076 Datasheet HTML 32Page - NXP Semiconductors UJA1076 Datasheet HTML 33Page - NXP Semiconductors UJA1076 Datasheet HTML 34Page - NXP Semiconductors UJA1076 Datasheet HTML 35Page - NXP Semiconductors UJA1076 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
32 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
ILI(SDI)
input leakage current on pin
SDI
−5-
+5
μA
Serial peripheral interface data output; pin SDO
IOH
HIGH-level output current
VSCSN = 0 V; VO = VV1 − 0.4 V
VV1 = 2.97 V to 5.5 V
−30
-
−1.6
mA
IOL
LOW-level output current
VSCSN = 0 V; VO = 0.4 V
VV1 = 2.97 V to 5.5 V
1.6
-
30
mA
ILO
output leakage current
VSCSN = VV1; VO = 0 V to VV1
VV1 = 2.97 V to 5.5 V
−5-
5
μA
Reset output with clamping detection; pin RSTN
IOH
HIGH-level output current
VRSTN = 0.8VV1
VV1 = 2.97 V to 5.5 V
−1500 -
−100
μA
IOL
LOW-level output current
strong; VRSTN = 0.2VV1
VV1 = 2.97 V to 5.5 V
−40 °C< T
vj < 200 °C
4.9
-
40
mA
weak; VRSTN =0.8VV1
VV1 = 2.97 V to 5.5 V
−40 °C < T
vj < 200 °C
200
-
540
μA
VOL
LOW-level output voltage
VV1 = 1V to 5.5V
pull-up resistor to VV1 ≥ 900 Ω
−40 °C< T
vj < 200 °C; VBAT < 28 V
0
-
0.2VV1
V
VV1 = 2.975 V to 5.5 V
pull-up resistor to V1
≥ 900 Ω
−40 °C< T
vj < 200 °C
0-
0.5
V
VOH
HIGH-level output voltage
-40 °C < Tvj < 200 °C
0.8VV1 -VV1 +
0.3
V
Vth(sw)
switching threshold voltage
VV1 = 2.97 V to 5.5 V
0.3VV1 -0.7VV1
V
Vhys(i)
input hysteresis voltage
VV1 = 2.97 V to 5.5 V
100
-
900
mV
Interrupt output; pin INTN
IOL
LOW-level output current
VOL = 0.4 V
1.6
-
15
mA
Enable output; pin EN
IOH
HIGH-level output current
VOH = VV1 − 0. 4 V
VV1 = 2.97 V to 5.5 V
−20
-
−1.6
mA
IOL
LOW-level output current
VOL = 0.4 V; VV1 = 2.97 V to 5.5 V
1.6
-
20
mA
VOL
LOW-level output voltage
IOL = 20 μA; VV1 = 1.5 V
-
-
0.4
V
Watchdog off input; pin WDOFF
Vth(sw)
switching threshold voltage
VV1 = 2.97 V to 5.5 V
0.3VV1 -0.7VV1
V
Vhys(i)
input hysteresis voltage
VV1 = 2.97 V to 5.5 V
100
-
900
mV
Rpupd
pull-up/pull-down resistance
VV1 = 2.97 V to 5.5 V
5
10
20
k
Ω
Wake input; pin WAKE1, WAKE2
Vth(sw)
switching threshold voltage
2
-
3.75
V
Vhys(i)
input hysteresis voltage
100
-
1000
mV
Ipu
pull-up current
VWAKE = 0 V for t < twake
−2-
0
μA
Table 10.
Static characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com