Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 10Page - NXP Semiconductors UJA1076 Datasheet HTML 11Page - NXP Semiconductors UJA1076 Datasheet HTML 12Page - NXP Semiconductors UJA1076 Datasheet HTML 13Page - NXP Semiconductors UJA1076 Datasheet HTML 14Page - NXP Semiconductors UJA1076 Datasheet HTML 15Page - NXP Semiconductors UJA1076 Datasheet HTML 16Page - NXP Semiconductors UJA1076 Datasheet HTML 17Page - NXP Semiconductors UJA1076 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
14 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.2.6 Int_Status register
[1]
An interrupt can be cleared by writing 1 to the relevant bit in the Int_Status register.
0
WSE2
R/W
0
WAKE2 sample enable
0: sampling continuously
1: sampling of WAKE1 is synchronized with WBIAS (sample rate controlled
by WBC)
Table 6.
Int_Control register
Bit
Symbol
Access
Power-on
default
Description
Table 7.
Int_Status register[1]
Bit
Symbol
Access
Power-on
default
Description
15:13
A2, A1, A0 R
011
register address
12
RO
R/W
0
access status
0: register set to read/write
1: register set to read only
11
V1UI
R/W
0
V1 undervoltage interrupts
0: no V1 undervoltage warning interrupt pending
1: V1 undervoltage warning interrupt pending
10
V2UI
R/W
0
V2 undervoltage interrupts
0: no V2 undervoltage warning interrupt pending
1: V2 undervoltage warning interrupt pending
9:8
reserved
R
00
7
CI
R/W
0
cyclic interrupt
0: no cyclic interrupt pending
1: cyclic interrupt pending
6
WI1
R/W
0
wake-up interrupt 1
0: no wake-up interrupt 1 pending
1: wake-up interrupt 1 pending
5
POSI
R/W
1
power-on status interrupt
0: no power-on interrupt pending
1: power-on interrupt pending
4
WI2
R/W
0
wake-up interrupt 2
0: no wake-up interrupt 2 pending
1: wake-up interrupt 2 pending
3
CWI
R/W
0
CAN wake-up interrupt
0: no CAN wake-up interrupt pending
1: CAN wake-up interrupt pending
2:0
reserved
R
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com